Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4788.5000 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 4788.5000
Description  IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4788.5000 Datasheet(HTML) 2 Page - Schurter Inc.

  4788.5000 Datasheet HTML 1Page - Schurter Inc. 4788.5000 Datasheet HTML 2Page - Schurter Inc. 4788.5000 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image

Connectors (Inlets/Outlets)
4788
www.schurter.com/pg07
Connectors
Variants
Type
Panel mounting
Panel Thickness
s [mm]
Terminal
Order Number
4788
Snap-in
1
Quick connect terminals 4.8 x 0.8 mm
4788.3100
4788
Snap-in
1.2
Quick connect terminals 4.8 x 0.8 mm
4788.8100
4788
Snap-in
1.5
Quick connect terminals 4.8 x 0.8 mm
4788.4100
4788
Snap-in
2
Quick connect terminals 4.8 x 0.8 mm
4788.5100
4788
Snap-in
2.5
Quick connect terminals 4.8 x 0.8 mm
4788.6100
4788
Snap-in
3
Quick connect terminals 4.8 x 0.8 mm
4788.7100
4788
Snap-in
1
Quick connect terminals 6.3 x 0.8 mm
4788.3000
4788
Snap-in
1.2
Quick connect terminals 6.3 x 0.8 mm
4788.8000
4788
Snap-in
1.5
Quick connect terminals 6.3 x 0.8 mm
4788.4000
Distributor-Stock-Check|SCHURTER-Stock-Check|e-Store
4788
Snap-in
2
Quick connect terminals 6.3 x 0.8 mm
4788.5000
4788
Snap-in
2.5
Quick connect terminals 6.3 x 0.8 mm
4788.6000
4788
Snap-in
3
Quick connect terminals 6.3 x 0.8 mm
4788.7000
Pleaseconsiderthemin.requiredspacingbetweenlifepartsandpossibleconductivepanel
ClassIIproductsalsoavailableonrequest[4788]
Packaging unit
100Pcs
Mating Inlets/Plugs
Category / Description
Appliance Inlet Overview complete
IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
0711
IEC Appliance Inlet C14, Screw-on Mounting, Rear Side, PCB Terminal
1001
IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder or Quick-connect or Screw-on Terminal
6010
IEC Appliance Inlet C14, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect or Screw-on Terminal
6048
IEC Appliance Inlet C14, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect or Screw-on Terminal
6049
Appliance Inlet further types to 4788
...
Distribution Unit Overview complete
Distribution Unit for Snap-in Mounting with 1 IEC Appliance Inlet C14 and 1 Appliance Outlet F
0712
Distribution Unit with 1 IEC Appliance Inlet C14 or Power Cord, 4 IEC Appliance Outlets F and Extra Components
4740
Distribution Unit with 1 IEC Appliance Inlet C14 and 2 Appliance Outlets F, Shuttered
4741
Distribution Unit with 1 IEC Appliance Inlet C14 and 4 Appliance Outlets F
4747
Distribution Unit further types to 4788
Interconnection Cord Overview complete
Interconnection Cord with IEC Plug E, Angled
0607
Interconnection Cord with IEC Plug E, Angled
0608
Interconnection Cord with IEC Plug E, Straight
0609
Interconnection Cord with IEC Plug G, Angled
607B
Interconnection Cord with IEC Plug G, Angled
608B
Interconnection Cord further types to 4788
...
Plug Overview complete
IEC Plug E, Cord Connector (Rewireable), Straight, max. cable Diameter 8.5 mm
4732
IEC Plug E, Cord Connector (Rewireable), Angled, max. Cable Diameter 10 mm
4733
IEC Plug E, Cord Connector (Rewireable), Straight, max. Cable Diameter 10 mm
4735
IEC Plug E, Cord Connector (Rewireable), Angled, max. Cable Diameter 10 mm
4736
IEC Plug E, Cord Connector (Rewireable), Straight
9009
Plug further types to 4788
...


Similar Part No. - 4788.5000

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4788.4000 SCHURTER-4788.4000 Datasheet
327Kb / 4P
   IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
05.01.2022
More results

Similar Description - 4788.5000

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6600-4 SCHURTER-6600-4 Datasheet
354Kb / 3P
   IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
6600-4 SCHURTER-6600-4_V01 Datasheet
347Kb / 4P
   IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
4788_1809 SCHURTER-4788_1809 Datasheet
328Kb / 4P
   IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
6600-4 SCHURTER-6600-4_18 Datasheet
324Kb / 4P
   IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
4788 SCHURTER-4788_18 Datasheet
316Kb / 4P
   IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
4788 SCHURTER-4788_21 Datasheet
326Kb / 4P
   IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
4788 SCHURTER-4788_V01 Datasheet
327Kb / 4P
   IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
05.01.2022
6600-4 SCHURTER-6600-4_V02 Datasheet
347Kb / 4P
   IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
5.01.2022
4723 SCHURTER-4723_18 Datasheet
329Kb / 3P
   IEC Appliance Outlet F Shuttered, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
4723 SCHURTER-4723_21 Datasheet
376Kb / 4P
   IEC Appliance Outlet F Shuttered, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com