Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTMFS4899NFT1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTMFS4899NFT1G
Description  Power MOSFET 30 V, 75 A, Single N?묬hannel, SO?? FL
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4899NFT1G Datasheet(HTML) 5 Page - ON Semiconductor

  NTMFS4899NFT1G Datasheet HTML 1Page - ON Semiconductor NTMFS4899NFT1G Datasheet HTML 2Page - ON Semiconductor NTMFS4899NFT1G Datasheet HTML 3Page - ON Semiconductor NTMFS4899NFT1G Datasheet HTML 4Page - ON Semiconductor NTMFS4899NFT1G Datasheet HTML 5Page - ON Semiconductor NTMFS4899NFT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NTMFS4899NF
http://onsemi.com
5
TYPICAL CHARACTERISTICS
0
200
400
600
800
1000
1200
1400
1600
1800
2000
0
5
10
15
20
25
30
Figure 7. Capacitance Variation
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
TJ = 25°C
VGS = 0 V
Coss
Ciss
Crss
0
1
2
3
4
5
6
7
8
9
10
11
0
5
10
15
20
25
Figure 8. Gate−to−Source and
Drain−to−Source Voltage vs. Total Charge
Qg, TOTAL GATE CHARGE (nC)
ID = 30 A
TJ = 25°C
VDD = 15 V
VGS = 10 V
QT
Qgd
Qgs
1
10
100
1000
1
10
100
Figure 9. Resistive Switching Time Variation
vs. Gate Resistance
RG, GATE RESISTANCE (W)
VDD = 15 V
ID = 15 A
VGS = 10 V
tf
tr
td(off)
td(on)
0
5
10
15
20
25
30
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
Figure 10. Diode Forward Voltage vs. Current
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
VGS = 0 V
TJ = 25°C
0.01
0.1
1
10
100
1000
0.1
1
10
100
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
1
10 ms
100
ms
1 ms
10 ms
dc
VGS = 30 V
Single Pulse
TC = 25°C
RDS(on) Limit
Thermal Limit
Package Limit
0
10
20
30
40
50
60
70
80
90
25
50
75
100
125
150
Figure 12. Maximum Avalanche Energy vs.
Starting Junction Temperature
TJ, STARTING JUNCTION TEMPERATURE(°C)
ID = 41 A


Similar Part No. - NTMFS4899NFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4899NFT1G ONSEMI-NTMFS4899NFT1G Datasheet
119Kb / 7P
   Power MOSFET
September, 2012 ??Rev. 3
More results

Similar Description - NTMFS4899NFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4837NH ONSEMI-NTMFS4837NH Datasheet
142Kb / 7P
   Power MOSFET 30 V, 75 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 4
NTMFS4823N ONSEMI-NTMFS4823N Datasheet
141Kb / 6P
   Power MOSFET 30 V, 30 A, Single N?묬hannel, SO?? FL
January, 2010 ??Rev. 2
NTMFS4849N ONSEMI-NTMFS4849N_10 Datasheet
143Kb / 6P
   Power MOSFET 30 V, 71 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 2
NTMFS4852N ONSEMI-NTMFS4852N Datasheet
141Kb / 7P
   Power MOSFET 30 V, 155 A, Single N?묬hannel, SO?? FL
July, 2009 ??Rev. P1
NTMFS4925N ONSEMI-NTMFS4925N Datasheet
114Kb / 6P
   Power MOSFET 30 V, 48 A, Single N?묬hannel, SO?? FL
October, 2010 ??Rev. 0
NTMFS4841N ONSEMI-NTMFS4841N Datasheet
151Kb / 7P
   Power MOSFET 30 V, 57 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 7
NTMFS4845N ONSEMI-NTMFS4845N Datasheet
143Kb / 6P
   Power MOSFET 30 V, 115 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 2
NTMFS4937N ONSEMI-NTMFS4937N Datasheet
148Kb / 7P
   Power MOSFET 30 V, 70 A, Single N?묬hannel, SO?? FL
August, 2009 ??Rev. 1
NTMFS4C08NT1G ONSEMI-NTMFS4C08NT1G Datasheet
129Kb / 7P
   Power MOSFET 30 V, 52 A, Single N?묬hannel, SO?? FL
March, 2013 ??Rev. 1
NTMFS4C05NT1G ONSEMI-NTMFS4C05NT1G Datasheet
123Kb / 7P
   Power MOSFET 30 V, 78 A, Single N?묬hannel, SO?? FL
November, 2013 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com