Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3825ADW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UC3825ADW
Description  HIGH-SPEED PWM CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC3825ADW Datasheet(HTML) 7 Page - Texas Instruments

Back Button UC3825ADW Datasheet HTML 3Page - Texas Instruments UC3825ADW Datasheet HTML 4Page - Texas Instruments UC3825ADW Datasheet HTML 5Page - Texas Instruments UC3825ADW Datasheet HTML 6Page - Texas Instruments UC3825ADW Datasheet HTML 7Page - Texas Instruments UC3825ADW Datasheet HTML 8Page - Texas Instruments UC3825ADW Datasheet HTML 9Page - Texas Instruments UC3825ADW Datasheet HTML 10Page - Texas Instruments UC3825ADW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
UC1823A,UC2823A, UC2823B,
UC3823A,UC3823B,UC1825A,
UC2825A,UC2825B,UC3825A,UC3825B
SLUS334D − AUGUST 1995 − REVISED NOVEMBER 2008
www.ti.com
7
LEADING EDGE BLANKING
The UC3823A, UC2823B, UC3825A, and UC3825B perform fixed frequency pulse width modulation control. The
UC3823A, and UC3823B outputs operate together at the switching frequency and can vary from zero to some value less
than 100%. The UC3825A and UC3825B outputs are alternately controlled. During every other cycle, one output is off.
Each output then switches at one-half the oscillator frequency, varying in duty cycle from 0 to less than 50%.
To limit maximum duty cycle, the internal clock pulse blanks both outputs low during the discharge time of the oscillator.
On the falling edge of the clock, the appropriate output(s) is driven high. The end of the pulse is controlled by the PWM
comparator, current limit comparator, or the overcurrent comparator.
Normally the PWM comparator senses a ramp crossing a control voltage (error amplifier output) and terminates the pulse.
Leading edge blanking (LEB) causes the PWM comparator to be ignored for a fixed amount of time after the start of the
pulse. This allows noise inherent with switched mode power conversion to be rejected. The PWM ramp input may not
require any filtering as result of leading edge blanking.
To program a leading edge blanking (LEB) period, connect a capacitor, C, to CLK/LEB. The discharge time set by C and
the internal 10-k
Ω resistor determines the blanked interval. The 10-kΩ resistor has a 10% tolerance. For more accuracy,
an external 2-k
Ω 1% resistor (R) can be added, resulting in an equivalent resistance of 1.66 kΩ with a tolerance of 2.4%.
The design equation is:
t
LEB + 0.5
R
ø 10 kW
C
Values of R less than 2 k
Ω should not be used.
Leading edge blanking is also applied to the current limit comparator. After LEB, if the ILIM pin exceeds the 1-V threshold,
the pulse is terminated. The overcurrent comparator, however, is not blanked. It catches catastrophic overcurrent faults
without a blanking delay. Any time the ILIM pin exceeds 1.2 V, the fault latch is set and the outputs driven low. For this
reason, some noise filtering may be required on the ILIM pin.
UDG−95105
Figure 4. Leading Edge Blanking Operational Waveforms
(2)


Similar Part No. - UC3825ADW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3825ADW TI-UC3825ADW Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825ADW TI1-UC3825ADW Datasheet
936Kb / 19P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
UC3825ADWG4 TI1-UC3825ADWG4 Datasheet
936Kb / 19P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
UC3825ADWTR TI-UC3825ADWTR Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825ADWTR TI1-UC3825ADWTR Datasheet
936Kb / 19P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results

Similar Description - UC3825ADW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI1-UC1825_13 Datasheet
968Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825AQDW TI-UC2825AQDW Datasheet
928Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825A-Q1 TI-UC2825A-Q1_15 Datasheet
932Kb / 17P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com