Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P4FMAJ Datasheet(PDF) 3 Page - Rectron Semiconductor

Part No. P4FMAJ
Description  GPP TRANSIENT VOLTAGE SUPPRESSOR (400 WATT PEAK POWER 1.0 WATT STEADY STATE)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RECTRON [Rectron Semiconductor]
Homepage  http://www.rectron.com
Logo 

P4FMAJ Datasheet(HTML) 3 Page - Rectron Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RECTRON
FIG. 6 - MAXIMUM NON-REPETITIVE FORWARD
NUMBER OF CYCLES AT 60 Hz
50
40
30
20
10
0
1
10
100
8.3ms Single Half Sine-Wave
(JEDED Method) TJ = TJ max.
SURGE CURRENT UNIDIRECTIONAL
FIG. 5 - STEADY STATE POWER DERATING CURVE
TL, LEAD TEMPERATURE (
)
1.00
0.75
0.50
0.25
0
0
25
50
75
100
125
150
175
200
60Hz
Resistive or Inductive Load
RATING AND CHARACTERISTIC CURVES ( P4FMAJ6.8 THRU P4FMAJ400CA )
TJ = 25
FIG. 7 -TYPICAL REVERSE LEAKAGE
V(BR) BREAKDOWN VOLTAGE, VOLTS
100
10
1
0.1
0.01
0
100
200
300
400
600
Measured at Devices
Stand-off
Voltage, VWM
CHARACTERISTICS


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn