Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTMFS4835NT1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTMFS4835NT1G
Description  Power MOSFET 30 V, 104 A, Single N?묬hannel, SO??FL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4835NT1G Datasheet(HTML) 4 Page - ON Semiconductor

  NTMFS4835NT1G Datasheet HTML 1Page - ON Semiconductor NTMFS4835NT1G Datasheet HTML 2Page - ON Semiconductor NTMFS4835NT1G Datasheet HTML 3Page - ON Semiconductor NTMFS4835NT1G Datasheet HTML 4Page - ON Semiconductor NTMFS4835NT1G Datasheet HTML 5Page - ON Semiconductor NTMFS4835NT1G Datasheet HTML 6Page - ON Semiconductor NTMFS4835NT1G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NTMFS4835N
http://onsemi.com
4
TYPICAL PERFORMANCE CURVES
2.8 V
2.6 V
60
0.003
0
35
2.0
1.0
0
1,000
100,000
02
1
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
0
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
2
0.015
0
4
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
ID, DRAIN CURRENT (AMPS)
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
−50
25
0
−25
50
75
23
16
12
30
4
3
VDS ≥ 10 V
TJ = 25°C
TJ = −55°C
TJ = 125°C
VGS = 4.5 V
125
VGS = 0 V
ID = 30 A
VGS = 10 V
TJ = 150°C
30
0
46
TJ = 25°C
20
VGS = 5.0 to 10 V
100
40
615
0.001
20
3.0 V
3.2 V
3.5 V
30
10
170
10
170
ID = 30 A
TJ = 25°C
8
VGS = 11.5 V
100
TJ = 25°C
0.002
10
5
50
1
10
12
0.004
24
50
70
90
110
130
70
130
0.005
0.010
0.020
40
50
45
1.5
0.5
TJ = 125°C
150
0.030
90
110
10,000
8
7
68
9
10
150
4.0 V
5
150
0.025
0.007
0.005
0.006
0.008
25
30
55
10
28


Similar Part No. - NTMFS4835NT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4835NT1G ONSEMI-NTMFS4835NT1G Datasheet
145Kb / 7P
   Power MOSFET 30V 104A Single N-Channel, SO-8FL
May, 2012 ??Rev. 7
More results

Similar Description - NTMFS4835NT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4823N ONSEMI-NTMFS4823N Datasheet
141Kb / 6P
   Power MOSFET 30 V, 30 A, Single N?묬hannel, SO?? FL
January, 2010 ??Rev. 2
NTMFS4849N ONSEMI-NTMFS4849N_10 Datasheet
143Kb / 6P
   Power MOSFET 30 V, 71 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 2
NTMFS4852N ONSEMI-NTMFS4852N Datasheet
141Kb / 7P
   Power MOSFET 30 V, 155 A, Single N?묬hannel, SO?? FL
July, 2009 ??Rev. P1
NTMFS4925N ONSEMI-NTMFS4925N Datasheet
114Kb / 6P
   Power MOSFET 30 V, 48 A, Single N?묬hannel, SO?? FL
October, 2010 ??Rev. 0
NTMFS4841N ONSEMI-NTMFS4841N Datasheet
151Kb / 7P
   Power MOSFET 30 V, 57 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 7
NTMFS4845N ONSEMI-NTMFS4845N Datasheet
143Kb / 6P
   Power MOSFET 30 V, 115 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 2
NTMFS4937N ONSEMI-NTMFS4937N Datasheet
148Kb / 7P
   Power MOSFET 30 V, 70 A, Single N?묬hannel, SO?? FL
August, 2009 ??Rev. 1
NTMFS4C08NT1G ONSEMI-NTMFS4C08NT1G Datasheet
129Kb / 7P
   Power MOSFET 30 V, 52 A, Single N?묬hannel, SO?? FL
March, 2013 ??Rev. 1
NTMFS4C05NT1G ONSEMI-NTMFS4C05NT1G Datasheet
123Kb / 7P
   Power MOSFET 30 V, 78 A, Single N?묬hannel, SO?? FL
November, 2013 ??Rev. 3
NTMFS4955NT3G ONSEMI-NTMFS4955NT3G Datasheet
123Kb / 7P
   Power MOSFET 30 V, 48 A, Single N?묬hannel, SO?? FL
March, 2013 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com