Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28950PW Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28950PW
Description  Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28950PW Datasheet(HTML) 26 Page - Texas Instruments

Back Button UCC28950PW Datasheet HTML 22Page - Texas Instruments UCC28950PW Datasheet HTML 23Page - Texas Instruments UCC28950PW Datasheet HTML 24Page - Texas Instruments UCC28950PW Datasheet HTML 25Page - Texas Instruments UCC28950PW Datasheet HTML 26Page - Texas Instruments UCC28950PW Datasheet HTML 27Page - Texas Instruments UCC28950PW Datasheet HTML 28Page - Texas Instruments UCC28950PW Datasheet HTML 29Page - Texas Instruments UCC28950PW Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
CLK
SYNC_OUT
A
B
CLK
SYNC_IN
A
B
UCC28950
SLUSA16A – MARCH 2010 – REVISED JULY 2010
www.ti.com
Synchronization (SYNC)
The UCC28950 allows flexible configuration of converters operating in synchronized mode by connecting all
SYNC pins together and by configuration of the controllers as master and/or slaves. The controller configured as
Master (resistor between RT and VREF) provides synchronization pulses at the SYNC pin with the frequency
equal to 2X the converter frequency FSW(nom) and 0.5 duty cycle. The controller configured as a Slave (resistor
between RT and GND and 825-k
Ω resistor between SS_EN pin to GND) does not generate the synchronization
pulses. The Slave controller synchronizes its own clock to the falling edge of synchronization signal thus
operating 90° phase shifted versus the master converter’s frequency FSW(nom). Because the Slave is
synchronized to the falling edge of the SYNC pulses, the slave operates at 180
˚ delayed versus Master’s CLK or
90
˚ delayed versus output switching pulses of Master.
Such operation between Master and Slave provides maximum input capacitor and output capacitor ripple
cancellation effect if inputs and outputs of converters are tied together. To avoid system issues during the
synchronized operation of few converters the following conditions should be taken care of.
If any converter is configured a as a Slave, the SYNC frequency must be greater than or equal to 1.8 times
the converter frequency.
Slave converter does not start until at least one synchronization pulse has been received.
If any or all converters are configured as Slaves, then each converter operates at its own frequency without
synchronization after receiving at least one synchronization pulse. Thus, If there is an interruption of
synchronization pulses at the slave converter, then the controller uses its own internal clock pulses to
maintain operation based on the RT value that is connected to GND in the Slave converter.
In Master mode, SYNC pulses start after SS pin passes its Enable threshold which is 0.55 V.
Slave starts generating SS/EN voltage even though synchronization pulses have not been received.
It is recommended that the SS on the Master controller starts before the SS on the Slave controller; therefore
SS/EN pin on master converter must reach its Enable threshold voltage before SS/EN on the slave converter
starts for proper operation. On the same note, it’s recommended that TMIN resistors on both Master and Slave
are set at the same value.
Figure 18. SYNC_OUT (Master Mode) Timing Diagram
Figure 19. SYNC_IN (Slave Mode) Timing Diagram
26
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): UCC28950


Similar Part No. - UCC28950PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28950PW TI-UCC28950PW Datasheet
467Kb / 42P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950PW TI-UCC28950PW Datasheet
838Kb / 46P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950PW TI1-UCC28950PW Datasheet
2Mb / 74P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller
UCC28950PWR TI-UCC28950PWR Datasheet
467Kb / 42P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950PWR TI-UCC28950PWR Datasheet
838Kb / 46P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
More results

Similar Description - UCC28950PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28950 TI-UCC28950 Datasheet
467Kb / 42P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950_11 Datasheet
838Kb / 46P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950-Q1 TI1-UCC28950-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950_15 Datasheet
2Mb / 74P
[Old version datasheet]   UCC28950 Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI1-UCC28950_15 Datasheet
2Mb / 74P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller
UCC28951-Q1 TI1-UCC28951-Q1 Datasheet
2Mb / 71P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller
LM5046 TI1-LM5046_14 Datasheet
1Mb / 42P
[Old version datasheet]   Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046MH TI1-LM5046MH Datasheet
1Mb / 41P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046 TI-LM5046_15 Datasheet
1Mb / 48P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller With Integrated MOSFET Drivers
LM5046SQX TI1-LM5046SQX Datasheet
1Mb / 41P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com