Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28950 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28950
Description  Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28950 Datasheet(HTML) 37 Page - Texas Instruments

Back Button UCC28950 Datasheet HTML 33Page - Texas Instruments UCC28950 Datasheet HTML 34Page - Texas Instruments UCC28950 Datasheet HTML 35Page - Texas Instruments UCC28950 Datasheet HTML 36Page - Texas Instruments UCC28950 Datasheet HTML 37Page - Texas Instruments UCC28950 Datasheet HTML 38Page - Texas Instruments UCC28950 Datasheet HTML 39Page - Texas Instruments UCC28950 Datasheet HTML 40Page - Texas Instruments UCC28950 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
OUTE
(CCM Mode)
OUTF
(CCM Mode)
OUTE
OUTF
Transformer
Winding
Magnetizing
Current
OUTE and OUTF are disabled if V
CS < VDCM
OUTE and OUTF are disabled if V
CS < VDCM
Burst Mode at light load with T
MIN maintaining ZVS
(The time scale is different versus above diagram)
UCC28950
www.ti.com
SLUSA16A – MARCH 2010 – REVISED JULY 2010
Major waveforms of the phase-shifted converter during nominal operation mode are shown in Figure 47. Upper
six waveforms in the Figure 47 show the output drive signals of the controller. At nominal mode, the outputs
OUTE and OUTF overlap during the part of the switching cycle when the both rectifier MOSFETs are conducting
and the windings of power transformer are shorted. Current, IPR, is the current flowing through the primary
winding of power transformer. The bottom four waveforms show the drain-source voltages of rectifier MOSFETs,
VDS_QE and VDS_QF, the voltage at the output inductor, V LOUT, and the current through the output inductor, I LOUT.
Proper timing between the primary switches and synchronous rectifier MOSFETs is critical to achieve highest
efficiency and reliable operation in this mode. The controller device adjusts the turn OFF timing of rectifier
MOSFETs as function of load current to ensure the minimum conduction time and reverse recovery losses of
their internal body diodes.
ZVS is an important feature of relatively high input voltage converters to reduce switching losses associated with
the internal parasitic capacitances of power switches and transformers. The controller ensures ZVS conditions
over the entire load current range by adjusting the delay time between the primary MOSFETs switching in the
same leg in accordance to the load variation. Controller also limits the minimum ON-time pulse applied to the
power transformer at light load, allowing the storage of sufficient energy in the inductive components of power
stage for the ZVS transition.
As soon as the load current keeps reducing from the mid load current down to no-load condition, the controller
selects the most efficient power saving mode by moving the converter from the nominal operation mode to the
discontinuous-current diode-rectification mode and, eventually, at very light-load and at no-load condition, to the
burst mode. These modes and related output signals, OUTE, OUTF, driving the rectifier MOSFETs, are shown in
Figure 48.
Figure 48. Major Waveforms During Transitions Between Different Operating Modes
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Link(s): UCC28950


Similar Part No. - UCC28950

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28950 TI-UCC28950 Datasheet
467Kb / 42P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950 Datasheet
838Kb / 46P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950-Q1 TI1-UCC28950-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950PW TI-UCC28950PW Datasheet
467Kb / 42P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950PW TI-UCC28950PW Datasheet
838Kb / 46P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
More results

Similar Description - UCC28950

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28950 TI-UCC28950 Datasheet
467Kb / 42P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950_11 Datasheet
838Kb / 46P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950-Q1 TI1-UCC28950-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950_15 Datasheet
2Mb / 74P
[Old version datasheet]   UCC28950 Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI1-UCC28950_15 Datasheet
2Mb / 74P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller
UCC28951-Q1 TI1-UCC28951-Q1 Datasheet
2Mb / 71P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller
LM5046 TI1-LM5046_14 Datasheet
1Mb / 42P
[Old version datasheet]   Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046MH TI1-LM5046MH Datasheet
1Mb / 41P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046 TI-LM5046_15 Datasheet
1Mb / 48P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller With Integrated MOSFET Drivers
LM5046SQX TI1-LM5046SQX Datasheet
1Mb / 41P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com