Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28950 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28950
Description  Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28950 Datasheet(HTML) 36 Page - Texas Instruments

Back Button UCC28950 Datasheet HTML 32Page - Texas Instruments UCC28950 Datasheet HTML 33Page - Texas Instruments UCC28950 Datasheet HTML 34Page - Texas Instruments UCC28950 Datasheet HTML 35Page - Texas Instruments UCC28950 Datasheet HTML 36Page - Texas Instruments UCC28950 Datasheet HTML 37Page - Texas Instruments UCC28950 Datasheet HTML 38Page - Texas Instruments UCC28950 Datasheet HTML 39Page - Texas Instruments UCC28950 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
I
OUT
V
OUT
x (1-D) / D
V
OUT
T
ON
= 0.5 x D x T
SW(nom)
I
LOUT
V
LOUT
V
DS
QF
V
DS
QE
I
PR
T
AFSET2
T
AFSET1
T
BESET1
T
BESET2
T
ABSET1
T
CDSET2
T
ABSET2
T
SW(nom)
T
SW(osc)
OUTE
OUTF
OUTD
OUTC
OUTB
OUTA
T
CDSET1
UCC28950
SLUSA16A – MARCH 2010 – REVISED JULY 2010
www.ti.com
APPLICATION INFORMATION
UCC28950 Application Description
The efficiency improvement of phase-shifted full-bridge DC/DC converter with UCC28950 is achieved by using
the synchronous rectification technique, control algorithm providing ZVS condition over the entire load current
range, accurate adaptive timing of the control signals between primary and secondary FETs and special
operating modes at light load for the highest efficiency and power saving. The simplified electrical diagram of this
converter is shown in Figure 47. The controller device is located on the secondary side of converter, although it
could be located on primary side as well. The location on secondary side allows easy power system level
communication and better handling of some transient conditions that require fast direct control of the
synchronous rectifier MOSFETs. The power stage includes primary side MOSFETs, QA, QB, QC, QD and
secondary side synchronous rectifier MOSFETs, QE and QF. For example, for the 12-V output converters in
server power supplies use of the center-tapped rectifier scheme with L-C output filter is a popular choice.
To maintain high efficiency at different output power conditions, the converter operates in nominal synchronous
rectification mode at mid and high output power levels, with transitioning to the diode rectifier mode at light load
and further followed by the burst mode, as the output power becomes even lower. All these transitions are based
on the current sensing on the primary side using the current sense transformer in this specific case.
Figure 47. Major Waveforms of Phase-Shifted Converter
36
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): UCC28950


Similar Part No. - UCC28950

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28950 TI-UCC28950 Datasheet
467Kb / 42P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950 Datasheet
838Kb / 46P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950-Q1 TI1-UCC28950-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950PW TI-UCC28950PW Datasheet
467Kb / 42P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950PW TI-UCC28950PW Datasheet
838Kb / 46P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
More results

Similar Description - UCC28950

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28950 TI-UCC28950 Datasheet
467Kb / 42P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950_11 Datasheet
838Kb / 46P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950-Q1 TI1-UCC28950-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950_15 Datasheet
2Mb / 74P
[Old version datasheet]   UCC28950 Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI1-UCC28950_15 Datasheet
2Mb / 74P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller
UCC28951-Q1 TI1-UCC28951-Q1 Datasheet
2Mb / 71P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller
LM5046 TI1-LM5046_14 Datasheet
1Mb / 42P
[Old version datasheet]   Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046MH TI1-LM5046MH Datasheet
1Mb / 41P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046 TI-LM5046_15 Datasheet
1Mb / 48P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller With Integrated MOSFET Drivers
LM5046SQX TI1-LM5046SQX Datasheet
1Mb / 41P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com