Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTMFS4821NT3G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTMFS4821NT3G
Description  Power MOSFET 30 V, 58.5 A, Single N?묬hannel, SO?? FL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4821NT3G Datasheet(HTML) 4 Page - ON Semiconductor

  NTMFS4821NT3G Datasheet HTML 1Page - ON Semiconductor NTMFS4821NT3G Datasheet HTML 2Page - ON Semiconductor NTMFS4821NT3G Datasheet HTML 3Page - ON Semiconductor NTMFS4821NT3G Datasheet HTML 4Page - ON Semiconductor NTMFS4821NT3G Datasheet HTML 5Page - ON Semiconductor NTMFS4821NT3G Datasheet HTML 6Page - ON Semiconductor NTMFS4821NT3G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NTMFS4821N
http://onsemi.com
4
0
10
20
30
40
50
60
70
80
90
01
234
56
Figure 1. On−Region Characteristics
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
10 V
TJ = 25°C
VGS = 4.5 V
5.0 V
4.0 V
3.8 V
3.6 V
3.4 V
3.2 V
3.0 V
2.8 V
2.6 V
0
10
20
30
40
50
60
70
80
90
100
01
23
45
6
Figure 2. Transfer Characteristics
VGS, GATE−TO−SOURCE VOLTAGE (V)
VDS ≥ 10 V
TJ = 25°C
TJ = 125°C
TJ = −55°C
0
0.01
0.02
0.03
0.04
24
68
10
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
VGS, GATE−TO−SOURCE VOLTAGE (V)
ID = 30 A
TJ = 25°C
0.002
0.0045
0.007
0.0095
0.012
0.0145
0.017
0.0195
30
40
50
60
70
80
90
100
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
ID, DRAIN CURRENT (A)
VGS = 4.5 V
VGS = 11.5 V
TJ = 25°C
0.6
0.8
1
1.2
1.4
1.6
1.8
−50
−25
0
25
50
75
100
125
150
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
ID = 30 A
VGS = 10 V
10
100
1000
10000
5
1015
202530
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
TJ = 150°C
VGS = 0 V
TJ = 125°C


Similar Part No. - NTMFS4821NT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4821NT3G ONSEMI-NTMFS4821NT3G Datasheet
146Kb / 7P
   Power MOSFET 30V 58.5A Single N-channel, SO-8 FL
May, 2012 ??Rev. 4
More results

Similar Description - NTMFS4821NT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4921N ONSEMI-NTMFS4921N Datasheet
118Kb / 7P
   Power MOSFET 30 V, 58.5 A, Single N?묬hannel, SO?? FL
November, 2008 ??Rev. 1
NTMFS4823N ONSEMI-NTMFS4823N Datasheet
141Kb / 6P
   Power MOSFET 30 V, 30 A, Single N?묬hannel, SO?? FL
January, 2010 ??Rev. 2
NTMFS4849N ONSEMI-NTMFS4849N_10 Datasheet
143Kb / 6P
   Power MOSFET 30 V, 71 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 2
NTMFS4852N ONSEMI-NTMFS4852N Datasheet
141Kb / 7P
   Power MOSFET 30 V, 155 A, Single N?묬hannel, SO?? FL
July, 2009 ??Rev. P1
NTMFS4925N ONSEMI-NTMFS4925N Datasheet
114Kb / 6P
   Power MOSFET 30 V, 48 A, Single N?묬hannel, SO?? FL
October, 2010 ??Rev. 0
NTMFS4841N ONSEMI-NTMFS4841N Datasheet
151Kb / 7P
   Power MOSFET 30 V, 57 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 7
NTMFS4845N ONSEMI-NTMFS4845N Datasheet
143Kb / 6P
   Power MOSFET 30 V, 115 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 2
NTMFS4937N ONSEMI-NTMFS4937N Datasheet
148Kb / 7P
   Power MOSFET 30 V, 70 A, Single N?묬hannel, SO?? FL
August, 2009 ??Rev. 1
NTMFS4C08NT1G ONSEMI-NTMFS4C08NT1G Datasheet
129Kb / 7P
   Power MOSFET 30 V, 52 A, Single N?묬hannel, SO?? FL
March, 2013 ??Rev. 1
NTMFS4C05NT1G ONSEMI-NTMFS4C05NT1G Datasheet
123Kb / 7P
   Power MOSFET 30 V, 78 A, Single N?묬hannel, SO?? FL
November, 2013 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com