Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTMFS4708N Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTMFS4708N
Description  Power MOSFET 30 V, 19 A, Single N-Channel, SOIC-8 FL
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4708N Datasheet(HTML) 2 Page - ON Semiconductor

  NTMFS4708N Datasheet HTML 1Page - ON Semiconductor NTMFS4708N Datasheet HTML 2Page - ON Semiconductor NTMFS4708N Datasheet HTML 3Page - ON Semiconductor NTMFS4708N Datasheet HTML 4Page - ON Semiconductor NTMFS4708N Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NTMFS4708N
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-to-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
30
V
Drain-to-Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
10
mV/
°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V, VDS = 24 V
TJ = 25°C
1.0
mA
TJ = 125°C
50
Gate-to-Source Leakage Current
IGSS
VDS = 0 V, VGS = ±20V
±100
nA
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
1.0
2.5
V
Negative Threshold
Temperature Coefficient
VGS(TH)/TJ
5.0
mV/
°C
Drain-to-Source On Resistance
RDS(on)
VGS = 10 V, ID = 11.5 A
7.3
10
m
W
VGS = 4.5 V, ID = 9.5 A
10.1
14
Forward Transconductance
gFS
VDS = 15 V, ID = 11.5 A
23
S
CHARGES, CAPACITANCES AND GATE RESISTANCE
Input Capacitance
CISS
VGS = 0 V, f = 1.0 MHz, VDS = 24 V
970
pF
Output Capacitance
COSS
440
Reverse Transfer Capacitance
CRSS
115
Total Gate Charge
QG(TOT)
VGS = 4.5 V, VDS = 15 V; ID = 11.5 A
10
15
nC
Threshold Gate Charge
QG(TH)
1.3
Gate-to-Source Charge
QGS
2.6
Gate-to-Drain Charge
QGD
4.8
Gate Resistance
RG
1.95
W
SWITCHING CHARACTERISTICS (Note 4)
Turn-On Delay Time
td(on)
VGS = 10 V, VDD = 15 V, ID = 1.0 A,
RG = 3.0 W
6.7
ns
Rise Time
tr
4.3
Turn-Off Delay Time
td(off)
20
Fall Time
tf
16
DRAIN-SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V, IS = 6.25 A
TJ = 25°C
0.78
1.0
V
TJ = 125°C
0.60
Reverse Recovery Time
tRR
VGS = 0 V, dIS/dt = 100 A/ms,
IS = 6.25 A
32
ns
Charge Time
ta
15.5
Discharge Time
tb
16.5
Reverse Recovery Charge
QRR
24
nC
3. Pulse Test: pulse width
≤ 300 ms, duty cycle ≤ 2%.
4. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NTMFS4708N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4701N ONSEMI-NTMFS4701N Datasheet
90Kb / 5P
   Power MOSFET 30 V, 20 A, Single N-Channel, SOIC-8 Flat Lead Package
July, 2007 - Rev. 3
NTMFS4701NT1G ONSEMI-NTMFS4701NT1G Datasheet
90Kb / 5P
   Power MOSFET 30 V, 20 A, Single N-Channel, SOIC-8 Flat Lead Package
July, 2007 - Rev. 3
NTMFS4701NT3G ONSEMI-NTMFS4701NT3G Datasheet
90Kb / 5P
   Power MOSFET 30 V, 20 A, Single N-Channel, SOIC-8 Flat Lead Package
July, 2007 - Rev. 3
NTMFS4707N ONSEMI-NTMFS4707N Datasheet
223Kb / 2P
   12 V Telecom Power Conversion Solutions
Rev. 2, Sep-2006
NTMFS4707NT1G ONSEMI-NTMFS4707NT1G Datasheet
223Kb / 2P
   12 V Telecom Power Conversion Solutions
Rev. 2, Sep-2006
More results

Similar Description - NTMFS4708N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4709N ONSEMI-NTMFS4709N Datasheet
90Kb / 6P
   Power MOSFET 30 V, 94 A, Single N-Channel, SOIC-8 FL
July, 2007 - Rev. 3
NTMFS4744N ONSEMI-NTMFS4744N Datasheet
93Kb / 7P
   Power MOSFET 30 V, 53 A, Single N-Channel, SO-8 FL
July, 2007 - Rev. 4
NTMFS4C13N ONSEMI-NTMFS4C13N Datasheet
181Kb / 8P
   MOSFET – Power, Single, N-Channel, SO-8 FL 30 V, 38 A
May, 2019 - Rev. 2
NTMFS4833N ONSEMI-NTMFS4833N Datasheet
75Kb / 7P
   Power MOSFET 30 V, 191 A, Single N-Channel, SO-8 FL
November, 2006 ??Rev. 2
NTMFS4922NE ONSEMI-NTMFS4922NE Datasheet
165Kb / 8P
   Power MOSFET 30 V, 147 A, Single N−Channel, SO−8 FL
May, 2012 - Rev. 1
NTMD6N03R2G ONSEMI-NTMD6N03R2G Datasheet
343Kb / 8P
   Power MOSFET 30 V, 6 A, Dual N--Channel SOIC--8
October, 2011 -- Rev. 3
NTMS4800N ONSEMI-NTMS4800N Datasheet
141Kb / 5P
   Power MOSFET 30 V, 8 A, N?묬hannel, SOIC??
August, 2009 ??Rev. 1
NVMD6N03R2G ONSEMI-NVMD6N03R2G Datasheet
343Kb / 8P
   Power MOSFET 30 V, 6 A, Dual N--Channel SOIC--8
October, 2011 -- Rev. 3
NTMFS4701N ONSEMI-NTMFS4701N Datasheet
90Kb / 5P
   Power MOSFET 30 V, 20 A, Single N-Channel, SOIC-8 Flat Lead Package
July, 2007 - Rev. 3
NTMS4176P ONSEMI-NTMS4176P Datasheet
91Kb / 5P
   Power MOSFET -30 V, -9.6 A, P-Channel, SOIC-8
March, 2008 - Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com