Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTMFS4701N Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTMFS4701N
Description  Power MOSFET 30 V, 20 A, Single N-Channel, SOIC-8 Flat Lead Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4701N Datasheet(HTML) 3 Page - ON Semiconductor

  NTMFS4701N Datasheet HTML 1Page - ON Semiconductor NTMFS4701N Datasheet HTML 2Page - ON Semiconductor NTMFS4701N Datasheet HTML 3Page - ON Semiconductor NTMFS4701N Datasheet HTML 4Page - ON Semiconductor NTMFS4701N Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NTMFS4701N
http://onsemi.com
3
TYPICAL PERFORMANCE CURVES
TJ = 125°C
0
24
3
1
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
18
6
0
Figure 1. On-Region Characteristics
23
24
18
6
0
0
Figure 2. Transfer Characteristics
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
0.004
12
24
0.006
0.002
Figure 3. On-Resistance vs. Drain Current and
Temperature
ID, DRAIN CURRENT (AMPS)
Figure 4. On-Resistance vs. Drain Current and
Gate Voltage
ID, DRAIN CURRENT (AMPS)
-50
0
-25
25
1.5
1
0.5
0
50
150
Figure 5. On-Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ = 25°C
620
TJ = -55°C
TJ = 25°C
75
TJ = 25°C
ID = 20 A
VGS = 10 V
2
TJ = 25°C
2
VGS = 10 V
042
100
25
Figure 6. Drain-to-Source Leakage Current
vs. Voltage
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
15
VGS = 0 V
TJ = 150°C
2.2 V
VGS = 4.5 V
1000
10000
100000
5
4 V
VDS ≥ 10 V
0.01
10
20
6 V
12
3.4 V
12
4
30
36
30
42
30
2.6 V
VGS = 10 V
36
42
0.008
125
100
0
4
5
VGS = 10 V
TJ = 125°C
TJ = -55°C
0.004
12
24
0.006
0.002
620
042
0.01
30
36
0.008
5
TJ = 125°C
36
3 V
1
30


Similar Part No. - NTMFS4701N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4707N ONSEMI-NTMFS4707N Datasheet
223Kb / 2P
   12 V Telecom Power Conversion Solutions
Rev. 2, Sep-2006
NTMFS4707NT1G ONSEMI-NTMFS4707NT1G Datasheet
223Kb / 2P
   12 V Telecom Power Conversion Solutions
Rev. 2, Sep-2006
NTMFS4708N ONSEMI-NTMFS4708N Datasheet
98Kb / 5P
   Power MOSFET 30 V, 19 A, Single N-Channel, SOIC-8 FL
July, 2007 - Rev. 2
NTMFS4708NT1G ONSEMI-NTMFS4708NT1G Datasheet
98Kb / 5P
   Power MOSFET 30 V, 19 A, Single N-Channel, SOIC-8 FL
July, 2007 - Rev. 2
NTMFS4708NT3G ONSEMI-NTMFS4708NT3G Datasheet
98Kb / 5P
   Power MOSFET 30 V, 19 A, Single N-Channel, SOIC-8 FL
July, 2007 - Rev. 2
More results

Similar Description - NTMFS4701N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4108N ONSEMI-NTMFS4108N Datasheet
96Kb / 5P
   Power MOSFET 30 V, 35 A, Single N-Channel, SO-8 Flat Lead Package
July, 2007 - Rev. 5
NTMFS4119N ONSEMI-NTMFS4119N Datasheet
87Kb / 5P
   Power MOSFET 30 V, 30 A, Single N-Channel, SO-8 Flat Lead
July, 2007 - Rev. 5
NTMFS4120N ONSEMI-NTMFS4120N Datasheet
95Kb / 6P
   Power MOSFET 30 V, 31 A, Single N-Channel, SO-8 Flat Lead
July, 2007 - Rev. 3
NTMFS4709N ONSEMI-NTMFS4709N Datasheet
90Kb / 6P
   Power MOSFET 30 V, 94 A, Single N-Channel, SOIC-8 FL
July, 2007 - Rev. 3
NTMFS4122N ONSEMI-NTMFS4122N Datasheet
89Kb / 5P
   Power MOSFET 30 V, 23 A, Single N-Channel, SO-8 Flat Lead
July, 2007 - Rev. 4
NTMFS4121N ONSEMI-NTMFS4121N Datasheet
94Kb / 6P
   Power MOSFET 30 V, 29 A, Single N-Channel, SO-8 Flat Lead
July, 2007 - Rev. 3
NTMFS4708N ONSEMI-NTMFS4708N Datasheet
98Kb / 5P
   Power MOSFET 30 V, 19 A, Single N-Channel, SOIC-8 FL
July, 2007 - Rev. 2
NTMD6N03R2G ONSEMI-NTMD6N03R2G Datasheet
343Kb / 8P
   Power MOSFET 30 V, 6 A, Dual N--Channel SOIC--8
October, 2011 -- Rev. 3
NTMS4800N ONSEMI-NTMS4800N Datasheet
141Kb / 5P
   Power MOSFET 30 V, 8 A, N?묬hannel, SOIC??
August, 2009 ??Rev. 1
NVMD6N03R2G ONSEMI-NVMD6N03R2G Datasheet
343Kb / 8P
   Power MOSFET 30 V, 6 A, Dual N--Channel SOIC--8
October, 2011 -- Rev. 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com