Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXS03121 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TXS03121
Description  COMPARATOR WITH OUTPUT VOLTAGE-LEVEL TRANSLATION
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXS03121 Datasheet(HTML) 3 Page - Texas Instruments

  TXS03121 Datasheet HTML 1Page - Texas Instruments TXS03121 Datasheet HTML 2Page - Texas Instruments TXS03121 Datasheet HTML 3Page - Texas Instruments TXS03121 Datasheet HTML 4Page - Texas Instruments TXS03121 Datasheet HTML 5Page - Texas Instruments TXS03121 Datasheet HTML 6Page - Texas Instruments TXS03121 Datasheet HTML 7Page - Texas Instruments TXS03121 Datasheet HTML 8Page - Texas Instruments TXS03121 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
TXS03121
www.ti.com ...................................................................................................................................................... SCES680A – JULY 2007 – REVISED JANUARY 2009
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
V+
Supply voltage range(2)
–0.5
6.5
V
+IN,
Input voltage range
–0.5
6.5
V
–IN
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current (On-state switch current)
–50
mA
Continuous current through V+ or GND
±100
mA
θ
JA
Package thermal impedance(3)
DRL package
171.6
°C/W
Tstg
Storage temperature range
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
V+
Comparator supply voltage
2.5
5.5
V
VS, VD
(1)
Output FET source or drain voltage
1.1
3.6
V
TA
Operating free-air temperature
–40
85
°C
(1)
V+ must be greater than or equal to VS, and VS must be greater than or equal to VD (V+ ≥ VS ≥ VD).
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TXS03121


Similar Part No. - TXS03121

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS03121 TI-TXS03121 Datasheet
345Kb / 11P
[Old version datasheet]   COMPARATOR WITH OUTPUT VOLTAGE-LEVEL TRANSLATION
TXS03121DRLR TI-TXS03121DRLR Datasheet
345Kb / 11P
[Old version datasheet]   COMPARATOR WITH OUTPUT VOLTAGE-LEVEL TRANSLATION
TXS03121DRLRG4 TI-TXS03121DRLRG4 Datasheet
345Kb / 11P
[Old version datasheet]   COMPARATOR WITH OUTPUT VOLTAGE-LEVEL TRANSLATION
More results

Similar Description - TXS03121

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS03121 TI-TXS03121 Datasheet
345Kb / 11P
[Old version datasheet]   COMPARATOR WITH OUTPUT VOLTAGE-LEVEL TRANSLATION
TXS02612 TI-TXS02612 Datasheet
627Kb / 22P
[Old version datasheet]   SDIO PORT EXPANDER WITH VOLTAGE-LEVEL TRANSLATION
TXS02612 TI-TXS02612_10 Datasheet
608Kb / 24P
[Old version datasheet]   SDIO PORT EXANDER WITH VOLTAGE-LEVEL TRANSLATION
logo
National Semiconductor ...
LMV762 NSC-LMV762 Datasheet
350Kb / 12P
   Low Voltage, Precision Comparator with Push-Pull Output
logo
Texas Instruments
LMV761 TI1-LMV761_15 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Voltage, Precision Comparator With Push-Pull Output
logo
National Semiconductor ...
LMV761 NSC-LMV761 Datasheet
346Kb / 10P
   Low Voltage, Precision Comparator with Push-Pull Output
logo
Linear Technology
LTC4301L LINER-LTC4301L Datasheet
184Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Low Voltage Level Translation
LTC4301 LINER-LTC4301 Datasheet
220Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Low Voltage Level Translation
LTC4301L LINER-LTC4301L_15 Datasheet
190Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Low Voltage Level Translation
logo
Global Mixed-mode Techn...
G1331 GMT-G1331 Datasheet
106Kb / 1P
   General Purpose, Low Voltage Comparator with Open-Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com