Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXS0108EZXYR Datasheet(PDF) 7 Page - Texas Instruments

Part # TXS0108EZXYR
Description  8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXS0108EZXYR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TXS0108EZXYR Datasheet HTML 3Page - Texas Instruments TXS0108EZXYR Datasheet HTML 4Page - Texas Instruments TXS0108EZXYR Datasheet HTML 5Page - Texas Instruments TXS0108EZXYR Datasheet HTML 6Page - Texas Instruments TXS0108EZXYR Datasheet HTML 7Page - Texas Instruments TXS0108EZXYR Datasheet HTML 8Page - Texas Instruments TXS0108EZXYR Datasheet HTML 9Page - Texas Instruments TXS0108EZXYR Datasheet HTML 10Page - Texas Instruments TXS0108EZXYR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
SWITCHING CHARACTERISTICS
TXS0108E
www.ti.com ..................................................................................................................................... SCES642B – DECEMBER 2007 – REVISED SEPTEMBER 2008
over recommended operating free-air temperature range, VCCA = 1.2 V (unless otherwise noted)
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
FROM
TO
TEST
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CONDITIONS
TYP
TYP
TYP
TYP
Push-pull driving
6.5
5.9
5.7
5.5
tPHL
Open-drain driving
11.9
11.1
11.0
11.1
A
B
ns
Push-pull driving
7.1
6.3
6.2
6.6
tPLH
Open-drain driving
293
236
197
152
Push-pull driving
6.4
6
5.8
5.6
tPHL
Open-drain driving
8.5
6.8
6.2
5.9
B
A
ns
Push-pull driving
5.6
4.1
3.6
3.2
tPLH
Open-drain driving
312
248
192
132
ten
OE
A or B
200
200
200
200
ns
Push-pull driving
tdis
OE
A or B
16.8
13.9
13.2
13.5
ns
Push-pull driving
7.9
6.7
6.5
6.4
trA
A-port rise time
ns
Open-drain driving
296
238
185
127
Push-pull driving
6.3
3.3
1.8
1.5
trB
B-port rise time
ns
Open-drain driving
236
164
115
60
Push-pull driving
5.8
4.8
4.3
3.8
tfA
A-port fall time
Open-drain driving
5.9
4.7
4.1
3.5
ns
Push-pull driving
4.6
2.8
2.2
1.9
tfB
B-port fall time
Open-drain driving
4.5
2.7
2.2
1.9
Channel-to-channel
1
1
1
1
tSK(O)
Push-pull driving
ns
skew
Push-pull driving
20
20
20
20
Max data rate
A or B
Mbps
Open-drain driving
2
2
2
2
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TXS0108E


Similar Part No. - TXS0108EZXYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0108EZXYR TI-TXS0108EZXYR Datasheet
844Kb / 24P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0108EZXYR TI-TXS0108EZXYR Datasheet
764Kb / 23P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0108EZXYR TI1-TXS0108EZXYR Datasheet
1Mb / 34P
[Old version datasheet]   8-Bit Bi-directional, Level-Shifting, Voltage Translator
TXS0108EZXYR TI1-TXS0108EZXYR Datasheet
2Mb / 36P
[Old version datasheet]   TXS0108E 8-Bit Bi-directional, Level-Shifting, Voltage Translator for Open-Drain and Push-Pull Applications
More results

Similar Description - TXS0108EZXYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0108E TI-TXS0108E_10 Datasheet
764Kb / 23P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0108E TI-TXS0108E Datasheet
844Kb / 24P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
logo
Union Semiconductor, In...
UM2002 UNIONSEMI-UM2002 Datasheet
279Kb / 12P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2001 NXP-NVT2001_V01 Datasheet
542Kb / 32P
   Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 4.4 - 22 May 2023
NVT2006BS PHILIPS-NVT2006BS Datasheet
493Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 5-19 February 2014
logo
Union Semiconductor, In...
UM3211P UNIONSEMI-UM3211P Datasheet
275Kb / 10P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2008PW NXP-NVT2008PW Datasheet
439Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 3-27 January 2014
NVT2001 PHILIPS-NVT2001 Datasheet
217Kb / 23P
   Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 2-26 October 2011
logo
Union Semiconductor, In...
UM2002 UNIONSEMI-UM2002_15 Datasheet
280Kb / 12P
   Bidirectional Voltage Level Translator for Open-Drain and Push-Pull Applications
UM2001P UNIONSEMI-UM2001P Datasheet
245Kb / 10P
   Bidirectional Voltage Level Translator for Open-Drain and Push-Pull Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com