Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXS0108EZXYR Datasheet(PDF) 4 Page - Texas Instruments

Part # TXS0108EZXYR
Description  8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXS0108EZXYR Datasheet(HTML) 4 Page - Texas Instruments

  TXS0108EZXYR Datasheet HTML 1Page - Texas Instruments TXS0108EZXYR Datasheet HTML 2Page - Texas Instruments TXS0108EZXYR Datasheet HTML 3Page - Texas Instruments TXS0108EZXYR Datasheet HTML 4Page - Texas Instruments TXS0108EZXYR Datasheet HTML 5Page - Texas Instruments TXS0108EZXYR Datasheet HTML 6Page - Texas Instruments TXS0108EZXYR Datasheet HTML 7Page - Texas Instruments TXS0108EZXYR Datasheet HTML 8Page - Texas Instruments TXS0108EZXYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
RECOMMENDED OPERATING CONDITIONS
(1) (2)
TXS0108E
SCES642B – DECEMBER 2007 – REVISED SEPTEMBER 2008 ..................................................................................................................................... www.ti.com
VCCA
VCCB
MIN
MAX
UNIT
VCCA
1.2
3.6
Supply voltage(3)
V
VCCB
1.65
5.5
1.2 V to 1.95 V
VCCI – 0.2
VCCI
A-Port I/Os
1.65 V to 5.5 V
1.95 V to 3.6 V
VCCI – 0.4
VCCI
VIH
High-level input voltage
V
B-Port I/Os
VCCI – 0.4
VCCI
1.2 V to 3.6 V
1.65 V to 5.5 V
OE
VCCA × 0.65
5.5
1.2 V to 1.95 V
0
0.15
A-Port I/Os
1.65 V to 5.5 V
1.95 V to 3.6 V
0
0.15
VIL
Low-level input voltage
V
B-Port I/Os
0
0.15
1.2 V to 3.6 V
1.65 V to 5.5 V
OE
0
VCCA × 0.35
A-Port I/Os
push-pull driving
Input transition rise or fall
Δt/Δv
B-Port I/Os
1.2 V to 3.6 V
1.65 V to 5.5 V
10
ns/V
rate
push-pull driving
Control input
Operating free-air
TA
–40
85
°C
temperature
(1)
VCCI is the VCC associated with the data input port.
(2)
VCCO is the VCC associated with the output port.
(3)
VCCA must be less than or equal to VCCB, and VCCA must not exceed 3.6 V.
4
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TXS0108E


Similar Part No. - TXS0108EZXYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0108EZXYR TI-TXS0108EZXYR Datasheet
844Kb / 24P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0108EZXYR TI-TXS0108EZXYR Datasheet
764Kb / 23P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0108EZXYR TI1-TXS0108EZXYR Datasheet
1Mb / 34P
[Old version datasheet]   8-Bit Bi-directional, Level-Shifting, Voltage Translator
TXS0108EZXYR TI1-TXS0108EZXYR Datasheet
2Mb / 36P
[Old version datasheet]   TXS0108E 8-Bit Bi-directional, Level-Shifting, Voltage Translator for Open-Drain and Push-Pull Applications
More results

Similar Description - TXS0108EZXYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0108E TI-TXS0108E_10 Datasheet
764Kb / 23P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0108E TI-TXS0108E Datasheet
844Kb / 24P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
logo
Union Semiconductor, In...
UM2002 UNIONSEMI-UM2002 Datasheet
279Kb / 12P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2001 NXP-NVT2001_V01 Datasheet
542Kb / 32P
   Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 4.4 - 22 May 2023
NVT2006BS PHILIPS-NVT2006BS Datasheet
493Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 5-19 February 2014
logo
Union Semiconductor, In...
UM3211P UNIONSEMI-UM3211P Datasheet
275Kb / 10P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2008PW NXP-NVT2008PW Datasheet
439Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 3-27 January 2014
NVT2001 PHILIPS-NVT2001 Datasheet
217Kb / 23P
   Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 2-26 October 2011
logo
Union Semiconductor, In...
UM2002 UNIONSEMI-UM2002_15 Datasheet
280Kb / 12P
   Bidirectional Voltage Level Translator for Open-Drain and Push-Pull Applications
UM2001P UNIONSEMI-UM2001P Datasheet
245Kb / 10P
   Bidirectional Voltage Level Translator for Open-Drain and Push-Pull Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com