Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXS0104EDRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TXS0104EDRG4
Description  4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXS0104EDRG4 Datasheet(HTML) 5 Page - Texas Instruments

  TXS0104EDRG4 Datasheet HTML 1Page - Texas Instruments TXS0104EDRG4 Datasheet HTML 2Page - Texas Instruments TXS0104EDRG4 Datasheet HTML 3Page - Texas Instruments TXS0104EDRG4 Datasheet HTML 4Page - Texas Instruments TXS0104EDRG4 Datasheet HTML 5Page - Texas Instruments TXS0104EDRG4 Datasheet HTML 6Page - Texas Instruments TXS0104EDRG4 Datasheet HTML 7Page - Texas Instruments TXS0104EDRG4 Datasheet HTML 8Page - Texas Instruments TXS0104EDRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Electrical Characteristics
(1) (2) (3)
TXS0104E
www.ti.com............................................................................................................................................................... SCES651D – JUNE 2006 – REVISED MAY 2008
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
TA = 25°C to 85°C
PARAMETER
TEST CONDITIONS
VCCA
VCCB
UNIT
MIN
TYP
MAX
MIN
MAX
IOH = –20 µA,
VOHA
1.65 V to 3.6 V
2.3 V to 5.5 V
VCCA × 0.8
V
VIB ≥ VCCB – 0.4 V
IOL = 1 mA,
VOLA
1.65 V to 3.6 V
2.3 V to 5.5 V
0.4
V
VIB ≤ 0.15 V
IOH = –20 µA,
VOHB
1.65 V to 3.6 V
2.3 V to 5.5 V
VCCB × 0.8
V
VIA ≥ VCCA – 0.2 V
IOL = 1 mA,
VOLB
1.65 V to 3.6 V
2.3 V to 5.5 V
0.4
V
VIA ≤ 0.15 V
II
OE
VI = VCCI or GND
1.65 V to 3.6 V
2.3 V to 5.5 V
±1
±2
µA
IOZ
A or B port OE = VIL
1.65 V to 3.6 V
2.3 V to 5.5 V
±1
±2
µA
1.65 V to VCCB
2.3 V to 5.5 V
2.4
VI = VO = Open,
ICCA
3.6 V
0
2.2
µA
IO = 0
0
5.5 V
–1
1.65 V to VCCB
2.3 V to 5.5 V
12
VI = VO = Open,
ICCB
3.6 V
0
–1
µA
IO = 0
0
5.5 V
1
VI = VO = Open,
ICCA + ICCB
1.65 V to VCCB
2.3 V to 5.5 V
14.4
µA
IO = 0
CI
OE
3.3 V
3.3 V
2.5
3.5
pF
A port
5
6.5
Cio
3.3 V
3.3 V
pF
B port
12
16.5
(1)
VCCI is the supply voltage associated with the input port.
(2)
VCCO is the supply voltage associated with the output port.
(3)
VCCA must be less than or equal to VCCB, and VCCA must not exceed 3.6 V.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TXS0104E


Similar Part No. - TXS0104EDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0104EDRG4 TI-TXS0104EDRG4 Datasheet
729Kb / 21P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
TXS0104EDRG4 TI-TXS0104EDRG4 Datasheet
679Kb / 22P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104EDRG4 TI-TXS0104EDRG4 Datasheet
807Kb / 24P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104EDRG4 TI-TXS0104EDRG4 Datasheet
910Kb / 26P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
More results

Similar Description - TXS0104EDRG4

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G3402 GMT-G3402 Datasheet
63Kb / 1P
   4-Bit Bidirectional Voltage Level Translator for Open Drain and Push-Pull Applications
logo
Texas Instruments
TXS0104E-Q1 TI1-TXS0104E-Q1 Datasheet
853Kb / 25P
[Old version datasheet]   4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
TXS0104E TI-TXS0104E_10 Datasheet
807Kb / 24P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104E TI-TXS0104E_08 Datasheet
679Kb / 22P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104E_102 TI-TXS0104E_102 Datasheet
910Kb / 26P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
logo
Union Semiconductor, In...
UM2002 UNIONSEMI-UM2002 Datasheet
279Kb / 12P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2001 NXP-NVT2001_V01 Datasheet
542Kb / 32P
   Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 4.4 - 22 May 2023
NVT2006BS PHILIPS-NVT2006BS Datasheet
493Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 5-19 February 2014
logo
Union Semiconductor, In...
UM3211P UNIONSEMI-UM3211P Datasheet
275Kb / 10P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2008PW NXP-NVT2008PW Datasheet
439Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 3-27 January 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com