Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXS0104ED Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TXS0104ED
Description  4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXS0104ED Datasheet(HTML) 8 Page - Texas Instruments

Back Button TXS0104ED Datasheet HTML 4Page - Texas Instruments TXS0104ED Datasheet HTML 5Page - Texas Instruments TXS0104ED Datasheet HTML 6Page - Texas Instruments TXS0104ED Datasheet HTML 7Page - Texas Instruments TXS0104ED Datasheet HTML 8Page - Texas Instruments TXS0104ED Datasheet HTML 9Page - Texas Instruments TXS0104ED Datasheet HTML 10Page - Texas Instruments TXS0104ED Datasheet HTML 11Page - Texas Instruments TXS0104ED Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Switching Characteristics
TXS0104E
SCES651D – JUNE 2006 – REVISED MAY 2008............................................................................................................................................................... www.ti.com
over recommended operating free-air temperature range, VCCA = 2.5 V ± 0.2 V (unless otherwise noted)
VCCB = 2.5 V VCCB = 3.3 V
VCCB = 5 V
FROM
TO
TEST
± 0.2 V
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CONDITIONS
MIN
MAX
MIN
MAX
MIN MAX
Push-pull driving
3.2
3.3
3.4
tPHL
Open-drain driving
1.7
6.3
2
6
2.1
5.8
A
B
ns
Push-pull driving
3.5
4.1
4.4
tPLH
Open-drain driving
43
250
36
206
27
190
Push-pull driving
3
3.6
4.3
tPHL
Open-drain driving
1.8
4.7
2.6
4.2
1.2
4
B
A
ns
Push-pull driving
2.5
1.6
0.7
tPLH
Open-drain driving
44
170
37
140
27
103
ten
OE
A or B
200
200
200
ns
tdis
OE
A or B
50
40
35
ns
Push-pull driving
2.8
7.4
2.6
6.6
1.8
5.6
trA
A-port rise time
ns
Open-drain driving
34
149
28
121
24
89
Push-pull driving
3.2
8.3
2.9
7.2
2.4
6.1
trB
B-port rise time
ns
Open-drain driving
35
151
24
112
12
64
Push-pull driving
1.9
5.7
1.9
5.5
1.8
5.3
tfA
A-port fall time
ns
Open-drain driving
4.4
6.9
4.3
6.2
4.2
5.8
Push-pull driving
2.2
7.8
2.4
6.7
2.6
6.6
tfB
B-port fall time
ns
Open-drain driving
5.1
8.8
5.4
9.4
5.4
10.4
tSK(O)
Channel-to-channel skew
1
1
1
ns
Push-pull driving
24
24
24
Max data rate
Mbps
Open-drain driving
2
2
2
8
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TXS0104E


Similar Part No. - TXS0104ED

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0104ED TI-TXS0104ED Datasheet
729Kb / 21P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
TXS0104ED TI-TXS0104ED Datasheet
679Kb / 22P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104ED TI-TXS0104ED Datasheet
807Kb / 24P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104ED TI-TXS0104ED Datasheet
910Kb / 26P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104ED TI-TXS0104ED Datasheet
1Mb / 41P
[Old version datasheet]   TXS0104E 4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
More results

Similar Description - TXS0104ED

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G3402 GMT-G3402 Datasheet
63Kb / 1P
   4-Bit Bidirectional Voltage Level Translator for Open Drain and Push-Pull Applications
logo
Texas Instruments
TXS0104E-Q1 TI1-TXS0104E-Q1 Datasheet
853Kb / 25P
[Old version datasheet]   4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
TXS0104E TI-TXS0104E_10 Datasheet
807Kb / 24P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104E TI-TXS0104E_08 Datasheet
679Kb / 22P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104E_102 TI-TXS0104E_102 Datasheet
910Kb / 26P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
logo
Union Semiconductor, In...
UM2002 UNIONSEMI-UM2002 Datasheet
279Kb / 12P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2001 NXP-NVT2001_V01 Datasheet
542Kb / 32P
   Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 4.4 - 22 May 2023
NVT2006BS PHILIPS-NVT2006BS Datasheet
493Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 5-19 February 2014
logo
Union Semiconductor, In...
UM3211P UNIONSEMI-UM3211P Datasheet
275Kb / 10P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2008PW NXP-NVT2008PW Datasheet
439Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 3-27 January 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com