Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTMFS4119NT1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTMFS4119NT1G
Description  Power MOSFET 30 V, 30 A, Single N-Channel, SO-8 Flat Lead
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4119NT1G Datasheet(HTML) 4 Page - ON Semiconductor

  NTMFS4119NT1G Datasheet HTML 1Page - ON Semiconductor NTMFS4119NT1G Datasheet HTML 2Page - ON Semiconductor NTMFS4119NT1G Datasheet HTML 3Page - ON Semiconductor NTMFS4119NT1G Datasheet HTML 4Page - ON Semiconductor NTMFS4119NT1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NTMFS4119N
http://onsemi.com
4
TYPICAL PERFORMANCE CURVES
Figure 7. Capacitance Variation
Figure 8. Gate-To-Source and
Drain-To-Source Voltage vs. Total Charge
Figure 9. Resistive Switching Time
Variation vs. Gate Resistance
Figure 10. Diode Forward Voltage vs. Current
GATE-TO-SOURCE OR DRAIN-TO-SOURCE VOLTAGE (VOLTS)
0
3
0
QG, TOTAL GATE CHARGE (nC)
5
4
510
15
ID = 18 A
TJ = 25°C
VGS
QGS
30
QGD
QT
2
1
700
05
10
Ciss
Coss
Crss
15
20
0
1400
2100
2800
3500
7000
30
VGS = 0 V
TJ = 25°C
25
20
4200
4900
5600
6300
25
12
0
20
16
8
4
40
35
VDS
0
VSD, SOURCE-TO-DRAIN VOLTAGE (VOLTS)
VGS = 0 V
TJ = 25°C
0.8
0.6
4
RG, GATE RESISTANCE (OHMS)
1
10
100
100
10
VDD = 15 V
ID = 1 A
VGS = 4.5 V
tr
td(on)
1000
tf
td(off)
2
6
0.4
8
0.9
0.7
0.5


Similar Part No. - NTMFS4119NT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4108N ONSEMI-NTMFS4108N Datasheet
96Kb / 5P
   Power MOSFET 30 V, 35 A, Single N-Channel, SO-8 Flat Lead Package
July, 2007 - Rev. 5
NTMFS4108NT1G ONSEMI-NTMFS4108NT1G Datasheet
96Kb / 5P
   Power MOSFET 30 V, 35 A, Single N-Channel, SO-8 Flat Lead Package
July, 2007 - Rev. 5
NTMFS4108NT3G ONSEMI-NTMFS4108NT3G Datasheet
96Kb / 5P
   Power MOSFET 30 V, 35 A, Single N-Channel, SO-8 Flat Lead Package
July, 2007 - Rev. 5
NTMFS4120N ONSEMI-NTMFS4120N Datasheet
95Kb / 6P
   Power MOSFET 30 V, 31 A, Single N-Channel, SO-8 Flat Lead
July, 2007 - Rev. 3
NTMFS4120NT1G ONSEMI-NTMFS4120NT1G Datasheet
95Kb / 6P
   Power MOSFET 30 V, 31 A, Single N-Channel, SO-8 Flat Lead
July, 2007 - Rev. 3
More results

Similar Description - NTMFS4119NT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4120N ONSEMI-NTMFS4120N Datasheet
95Kb / 6P
   Power MOSFET 30 V, 31 A, Single N-Channel, SO-8 Flat Lead
July, 2007 - Rev. 3
NTMFS4122N ONSEMI-NTMFS4122N Datasheet
89Kb / 5P
   Power MOSFET 30 V, 23 A, Single N-Channel, SO-8 Flat Lead
July, 2007 - Rev. 4
NTMFS4121N ONSEMI-NTMFS4121N Datasheet
94Kb / 6P
   Power MOSFET 30 V, 29 A, Single N-Channel, SO-8 Flat Lead
July, 2007 - Rev. 3
NTMFS4108N ONSEMI-NTMFS4108N Datasheet
96Kb / 5P
   Power MOSFET 30 V, 35 A, Single N-Channel, SO-8 Flat Lead Package
July, 2007 - Rev. 5
NTMS4705N ONSEMI-NTMS4705N Datasheet
96Kb / 5P
   Power MOSFET 30 V, 12 A, Single N-Channel, SO-8
October, 2007 - Rev. 3
NTMS4816N ONSEMI-NTMS4816N Datasheet
94Kb / 5P
   Power MOSFET 30 V, 11 A, N-Channel, SO-8
December, 2007 - Rev. 0
NTMS4807N ONSEMI-NTMS4807N Datasheet
93Kb / 5P
   Power MOSFET 30 V, 14.8 A, N-Channel, SO-8
December, 2007 - Rev. 0
NTMFS4744N ONSEMI-NTMFS4744N Datasheet
93Kb / 7P
   Power MOSFET 30 V, 53 A, Single N-Channel, SO-8 FL
July, 2007 - Rev. 4
NTMFS4C13N ONSEMI-NTMFS4C13N Datasheet
181Kb / 8P
   MOSFET – Power, Single, N-Channel, SO-8 FL 30 V, 38 A
May, 2019 - Rev. 2
NTMFS4833N ONSEMI-NTMFS4833N Datasheet
75Kb / 7P
   Power MOSFET 30 V, 191 A, Single N-Channel, SO-8 FL
November, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com