Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTLTD7900ZR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTLTD7900ZR2G
Description  Power MOSFET 9 A, 20 V, Logic Level, N-Channel Micro8??Leadless
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLTD7900ZR2G Datasheet(HTML) 5 Page - ON Semiconductor

  NTLTD7900ZR2G Datasheet HTML 1Page - ON Semiconductor NTLTD7900ZR2G Datasheet HTML 2Page - ON Semiconductor NTLTD7900ZR2G Datasheet HTML 3Page - ON Semiconductor NTLTD7900ZR2G Datasheet HTML 4Page - ON Semiconductor NTLTD7900ZR2G Datasheet HTML 5Page - ON Semiconductor NTLTD7900ZR2G Datasheet HTML 6Page - ON Semiconductor NTLTD7900ZR2G Datasheet HTML 7Page - ON Semiconductor NTLTD7900ZR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NTLTD7900ZR2
http://onsemi.com
5
10,000
1000
100
2
0
812
14
6
4
2
0
Qg, TOTAL GATE CHARGE (nC)
Figure 7. Gate−to−Source
RG, GATE RESISTANCE (W)
Figure 8. Resistive Switching Time Variation
versus Gate Resistance
4
3
5
1
10
100
10
1
TJ = 25°C
ID = 6.5 A
VDS = 10 V
ID = 6.5 A
VGS = 4.5 V
tr
td(off)
td(on)
tf
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
0.1
0
Figure 9. Diode Forward Voltage versus Current
0.4
0.6
0.8
1
1
10
0.2
TJ = 25°C
VGS = 0 V
TJ = 150°C
TJ = 25°C
Figure 10. On−Resistance Variation with
Temperature
1.8
0.6
−50
0
25
50
150
−0.8
1.0
1.4
1.6
TJ, JUNCTION TEMPERATURE (°C)
−25
125
75
100
1.2
ID = 9 A
VGS = 4.5 V
0.2
−0.4
−50
0
25
50
150
−0.3
−0.2
0
0.1
TJ, JUNCTION TEMPERATURE (°C)
Figure 11. Threshold Voltage
−25
125
75
100
−0.1
ID = 250 mA
30
0
0
0.040
ID, DRAIN CURRENT (A)
Figure 12. On−Resistance versus Drain
Current and Temperature
0.015
0.005
510
15
0.020
0.035
20
25
0.010
0.025
0.030
TJ = 125°C
TJ = 25°C
TJ = −55°C


Similar Part No. - NTLTD7900ZR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLTD7900ZR2G ONSEMI-NTLTD7900ZR2G Datasheet
177Kb / 8P
   Power MOSFET 9 A, 20 V, Logic Level, N-Channel Micro8 TM Leadless
March, 2006 ??Rev. 6
More results

Similar Description - NTLTD7900ZR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLTD7900ZR2 ONSEMI-NTLTD7900ZR2_06 Datasheet
177Kb / 8P
   Power MOSFET 9 A, 20 V, Logic Level, N-Channel Micro8 TM Leadless
March, 2006 ??Rev. 6
NTLTS3107P ONSEMI-NTLTS3107P_05 Datasheet
138Kb / 5P
   Power MOSFET -20 V, -8.3 A, Single P-Channel,Micro8 Leadless Package
October, 2005 ??Rev. 0
NTD20N06L ONSEMI-NTD20N06L_V01 Datasheet
272Kb / 9P
   MOSFET - Power, N-Channel, Logic Level, DPAK/IPAK 20 A, 60 V
May, 2019 - Rev. 5
MTP10N10EL ONSEMI-MTP10N10EL Datasheet
107Kb / 8P
   Power MOSFET 10 A, 100 V, Logic Level, N?묬hannel TO??20
March, 2005 ??Rev. 4
logo
NXP Semiconductors
PSMN9R0-30LL NXP-PSMN9R0-30LL Datasheet
176Kb / 13P
   N-channel QFN3333 30 V 9 m廓 logic level MOSFET
Rev. 01-12 February 2010
logo
Nexperia B.V. All right...
PSMN9R0-30LL NEXPERIA-PSMN9R0-30LL Datasheet
483Kb / 16P
   N-channel DFN3333-8 30 V 9 mΩ logic level MOSFET
Rev. 5 - 13 December 2011
logo
List of Unclassifed Man...
CMT60N03 ETC-CMT60N03 Datasheet
307Kb / 8P
   N CHANNEL LOGIC LEVEL POWER MOSFET
CMT70N03 ETC1-CMT70N03 Datasheet
208Kb / 4P
   N CHANNEL LOGIC LEVEL POWER MOSFET
CMT60N06 ETC-CMT60N06 Datasheet
277Kb / 8P
   N-CHANNEL Logic Level POWER MOSFET
logo
Champion Microelectroni...
CMT60N03G CHAMP-CMT60N03G Datasheet
219Kb / 5P
   N-CHANNEL Logic Level Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com