Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTLJS2103PTBG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTLJS2103PTBG
Description  Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLJS2103PTBG Datasheet(HTML) 4 Page - ON Semiconductor

  NTLJS2103PTBG Datasheet HTML 1Page - ON Semiconductor NTLJS2103PTBG Datasheet HTML 2Page - ON Semiconductor NTLJS2103PTBG Datasheet HTML 3Page - ON Semiconductor NTLJS2103PTBG Datasheet HTML 4Page - ON Semiconductor NTLJS2103PTBG Datasheet HTML 5Page - ON Semiconductor NTLJS2103PTBG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NTLJS2103P
http://onsemi.com
4
TYPICAL PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
Figure 7. Capacitance Variation
Figure 8. Gate−to−Source and
Drain−to−Source Voltage vs. Total Charge
Figure 9. Resistive Switching Time
Variation versus Gate Resistance
Figure 10. Diode Forward Voltage vs. Current
SINGLE PULSE TIME (s)
QG, TOTAL GATE CHARGE (nC)
VDS = −9.6 V
ID = −5.9 A
TJ = 25°C
-VGS
QGS
QGD
QT
-VDS
−VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
VGS = 0 V
TJ = 25°C
TJ = 150°C
Figure 11. Threshold Voltage
TJ, JUNCTION TEMPERATURE (°C)
ID = −250 mA
Figure 12. Single Pulse Maximum Power
Dissipation
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
VGS = 0 V
TJ = 25°C
f = 1 MHz
Coss
Ciss
Crss
RG, GATE RESISTANCE (OHMS)
tr
td(off)
td(on)
tf
VGS = −4.5 V
VDD = −8.0 V
ID = −5.9 A
02
4
6
8
10
12
0
200
400
600
800
1000
1200
1400
1600
1800
02
4
6
8
10
12
0
1
2
3
4
5
14
0
2
4
6
8
10
12
1
10
100
1
10
100
10000
1
10
100
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
−50
50
150
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
−25
75
0
100
25
125
0.001
10
0
10
20
30
40
50
60
0.01
100
0.1
1000
1


Similar Part No. - NTLJS2103PTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLJS2103PTBG ONSEMI-NTLJS2103PTBG Datasheet
135Kb / 6P
   Power MOSFET
March, 2011 ??Rev. 3
logo
VBsemi Electronics Co.,...
NTLJS2103PTBG VBSEMI-NTLJS2103PTBG Datasheet
1Mb / 9P
   P-Channel 20 V (D-S) MOSFET
More results

Similar Description - NTLJS2103PTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com