Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTLGF3402P Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTLGF3402P
Description  Power MOSFET and Schottky Diode ??0 V, ??.9 A FETKY, P?묬hannel, 2.0 A Schottky Barrier Diode, DFN6
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLGF3402P Datasheet(HTML) 2 Page - ON Semiconductor

  NTLGF3402P Datasheet HTML 1Page - ON Semiconductor NTLGF3402P Datasheet HTML 2Page - ON Semiconductor NTLGF3402P Datasheet HTML 3Page - ON Semiconductor NTLGF3402P Datasheet HTML 4Page - ON Semiconductor NTLGF3402P Datasheet HTML 5Page - ON Semiconductor NTLGF3402P Datasheet HTML 6Page - ON Semiconductor NTLGF3402P Datasheet HTML 7Page - ON Semiconductor NTLGF3402P Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NTLGF3402P
http://onsemi.com
2
SCHOTTKY DIODE MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Max
Unit
Peak Repetitive Reverse Voltage
VRRM
20
V
DC Blocking Voltage
VR
20
V
Average Rectified Forward Current
IF
2.0
A
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Max
Unit
Junction−to−Ambient – Steady State (Note 2)
RqJA
110
°C/W
Junction−to−Ambient – t
≤ 10 s (Note 2)
RqJA
58
°C/W
Junction−to−Ambient – Steady State (Note 3)
RqJA
79
°C/W
Junction−to−Ambient – t
≤ 10 s (Note 3)
RqJA
41
°C/W
3. Surface Mounted on FR4 Board using 1 in sq pad size (Cu area = 1.127 in sq [1 oz] including traces).
MOSFET ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = −250 mA
−20
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
−9.0
mV/
°C
Zero Gate Voltage Drain Current
IDSS
VDS = −16 V, VGS = 0 V
TJ = 25°C
−1.0
mA
TJ = 125°C
−5.0
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±12 V
±100
nA
ON CHARACTERISTICS (Note 4)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = −250 mA
−0.6
−2.0
V
Gate Threshold
Temperature Coefficient
VGS(TH)/TJ
2.7
mV/
°C
Drain−to−Source On−Resistance
RDS(on)
VGS = −4.5, ID = −2.7 A
110
140
m
W
VGS = −2.5, ID = −1.0 A
190
225
Forward Transconductance
gFS
VDS = −10 V, ID = −2.7 A
4.8
S
CHARGES AND CAPACITANCES
Input Capacitance
CISS
VGS = 0 V, f = 1.0 MHz,
VDS = −10 V
230
350
pF
Output Capacitance
COSS
105
225
Reverse Transfer Capacitance
CRSS
40
75
Total Gate Charge
QG(TOT)
VGS = −4.5 V, VDS = −10 V,
ID = −2.7 A
3.8
10
nC
Threshold Gate Charge
QG(TH)
0.32
Gate−to−Source Charge
QGS
0.7
Gate−to−Drain Charge
QGD
1.6
SWITCHING CHARACTERISTICS (Note 5)
Turn−On Delay Time
td(ON)
VGS = −4.5 V, VDD = −16 V,
ID = −2.7 A, RG = 2.4 W
6.2
15
ns
Rise Time
tr
22
30
Turn−Off Delay Time
td(OFF)
25
45
Fall Time
tf
34
60
4. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2%.
5. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NTLGF3402P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLGF3501N ONSEMI-NTLGF3501N Datasheet
93Kb / 8P
   Power MOSFET and Schottky Diode
March, 2006 ??Rev. 1
NTLGF3501NT2G ONSEMI-NTLGF3501NT2G Datasheet
93Kb / 8P
   Power MOSFET and Schottky Diode
March, 2006 ??Rev. 1
More results

Similar Description - NTLGF3402P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTGD3147F ONSEMI-NTGD3147F Datasheet
115Kb / 7P
   Power MOSFET and Schottky Diode??0 V, ??.5 A, P?묬hannel with Schottky Barrier Diode, TSOP??
May, 2008 ??Rev. 0
NTLJF3117P ONSEMI-NTLJF3117P Datasheet
91Kb / 8P
   Power MOSFET and Schottky Diode ??0 V, ??.1 A, P?묬hannel, with 2.0 A Schottky Barrier Diode, 2x2 mm, uCool Package
July, 2006 ??Rev. 2
NTLJD3182FZ ONSEMI-NTLJD3182FZ Datasheet
134Kb / 8P
   Power MOSFET and Schottky Diode ??0 V, ??.0 A, 關Cool??Single P?묬hannel & Schottky Barrier Diode, ESD
December, 2008 ??Rev. 0
NTHD3133PF ONSEMI-NTHD3133PF Datasheet
97Kb / 7P
   Power MOSFET and Schottky Diode -20 V, FETKY, P-Channel, -4.4 A, with 3.7 A Schottky Barrier Diode, ChipFET?
October, 2007 - Rev. 0
NTGD4169F ONSEMI-NTGD4169F Datasheet
136Kb / 7P
   Power MOSFET and Schottky Diode 30 V, 2.9 A, N?묬hannel with Schottky Barrier Diode, TSOP??
May, 2008 ??Rev. 1
NTTD4401F ONSEMI-NTTD4401F Datasheet
117Kb / 8P
   FETKY Power MOSFET and Schottky Diode
August, 2004 ??Rev. 3
NTGS5120P ONSEMI-NTGS5120P Datasheet
112Kb / 5P
   Power MOSFET ??0 V, ??.9 A, Single P?묬hannel, TSOP??
June, 2008 ??Rev. P0
logo
International Rectifier
IRF7321D2PBF IRF-IRF7321D2PBF Datasheet
208Kb / 8P
   FETKY MOSFET & Schottky Diode
IRF7326D2 IRF-IRF7326D2 Datasheet
116Kb / 8P
   FETKY MOSFET / Schottky Diode
IRF7807D2PBF IRF-IRF7807D2PBF Datasheet
107Kb / 8P
   FETKY??MOSFET / SCHOTTKY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com