Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTK3043N Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTK3043N
Description  Power MOSFET 20 V, 285 mA, N?묬hannel with ESD Protection, SOT??23
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTK3043N Datasheet(HTML) 3 Page - ON Semiconductor

  NTK3043N Datasheet HTML 1Page - ON Semiconductor NTK3043N Datasheet HTML 2Page - ON Semiconductor NTK3043N Datasheet HTML 3Page - ON Semiconductor NTK3043N Datasheet HTML 4Page - ON Semiconductor NTK3043N Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NTK3043N
http://onsemi.com
3
TYPICAL PERFORMANCE CURVES
TJ = 125°C
0
0.1
1
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
0
Figure 1. On−Region Characteristics
1.5
0.1
0
Figure 2. Transfer Characteristics
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
ID, DRAIN CURRENT (AMPS)
−50
0
−25
25
4.0
9.0
2.0
1.0
0
50
150
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ = 25°C
TJ = −55°C
75
TJ = 25°C
TJ = 25°C
VGS = 2.5 V
1
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
15
VGS = 0 V
TJ = 150°C
TJ = 125°C
2.0 V
2.2 V
VGS = 4.5 V
VDS ≥ 5 V
10
1.4 V
20
VGS = 3 V to 10 V
0.2
0.3
125
100
2.5
10
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
2
3
4
16
1
4
6
2
4
3
5
100
5
35
12
00.3
0.1
3.0
0.2
2
1000
1.6 V
2.5 V
5
8
0.2
0.3
ID = 0.255 A
TJ = 25°C
01
10
4
1.8 V
27
59
3
5.0
VGS = 2.5 V, ID = 10 mA
VGS = 4.5 V, ID = 10 mA
VGS = 1.65 V, ID = 1 mA
6.0
7.0
8.0
VGS = 1.8 V, ID = 10 mA


Similar Part No. - NTK3043N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTK3043N ONSEMI-NTK3043N Datasheet
134Kb / 5P
   Power MOSFET
January, 2013 ??Rev. 4
NTK3043NT1G ONSEMI-NTK3043NT1G Datasheet
134Kb / 5P
   Power MOSFET
January, 2013 ??Rev. 4
NTK3043NT5G ONSEMI-NTK3043NT5G Datasheet
134Kb / 5P
   Power MOSFET
January, 2013 ??Rev. 4
NTK3043N ONSEMI-NTK3043N_13 Datasheet
134Kb / 5P
   Power MOSFET
January, 2013 ??Rev. 4
More results

Similar Description - NTK3043N

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LNTK3043NT5G LRC-LNTK3043NT5G Datasheet
169Kb / 5P
   20 V, 285 mA, N?묬hannel with ESD Protection, SOT??23
LNTK3043PT5G LRC-LNTK3043PT5G Datasheet
235Kb / 5P
   20 V, 285 mA, P?묬hannel with ESD Protection, SOT??23
logo
First Silicon Co., Ltd
FTK3043P FS-FTK3043P Datasheet
318Kb / 5P
   20 V, 285 mA, P?묬hannel with ESD Protection, SOT??23
logo
ON Semiconductor
NTK3134N ONSEMI-NTK3134N Datasheet
59Kb / 5P
   Power MOSFET 20 V, 890 mA, Single N?묬hannel with ESD Protection, SOT??23
December, 2006 ??Rev. 0
NTK3139P ONSEMI-NTK3139P Datasheet
59Kb / 5P
   Power MOSFET ??0 V, ??80 mA, Single P?묬hannel with ESD Protection, SOT??23
December, 2006 ??Rev. 0
NTK3142PT1G ONSEMI-NTK3142PT1G Datasheet
131Kb / 5P
   Small Signal MOSFET ??0 V, ??80 mA, P?묬hannel with ESD Protection, SOT??23
November, 2009 ??Rev. 2
logo
First Silicon Co., Ltd
FTK3043N FS-FTK3043N Datasheet
361Kb / 5P
   20V, 285mA, N?묬hannel with ESD Protection, SOT??23
logo
ON Semiconductor
NTZD5110N ONSEMI-NTZD5110N Datasheet
110Kb / 5P
   60 V, 310 mA, Dual N?묬hannel with ESD Protection, SOT??63
April, 2007 ??Rev. 3
MMFT960T1 ONSEMI-MMFT960T1_06 Datasheet
64Kb / 4P
   Power MOSFET 300 mA, 60 Volts N?묬hannel SOT??23
January, 2006 ??Rev. 5
logo
Leshan Radio Company
LNTR4003NLT1G LRC-LNTR4003NLT1G Datasheet
447Kb / 5P
   30 V, 0.56 A, Single, N?묬hannel,Gate ESD Protection, SOT-23
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com