Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTHS4501N Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTHS4501N
Description  Power MOSFET 30 V, 6.7 A, Single N?묬hannel, ChipFET Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTHS4501N Datasheet(HTML) 3 Page - ON Semiconductor

  NTHS4501N Datasheet HTML 1Page - ON Semiconductor NTHS4501N Datasheet HTML 2Page - ON Semiconductor NTHS4501N Datasheet HTML 3Page - ON Semiconductor NTHS4501N Datasheet HTML 4Page - ON Semiconductor NTHS4501N Datasheet HTML 5Page - ON Semiconductor NTHS4501N Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NTHS4501N
http://onsemi.com
3
TYPICAL PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
0.02
0.04
0.06
24
6
8
10
0.05
0.03
0
2
4
6
8
10
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
45
67
8
−55
°C
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
−50
0
−25
25
50
125
100
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ = 25°C
TJ = 100°C
75
150
ID = 4.9 A
VGS = 10 V
25
°C
2.4 V
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
3.2 V
VDS ≥ 10 V
3.0 V
2.6 V
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
ID, DRAIN CURRENT (AMPS)
ID = 4.9 A
TJ = 25°C
TJ = 25°C
VGS = 4.5 V
VGS = 10 V
2.8 V
10 V
2.2 V
1.0
0.11
0.09
0.07
0.05
0.03
0.01
3456
7
8
9
10
0.6
1.8
1.4
1
10
100
1000
10000
10
20
30
VGS = 0 V
TJ = 100°C
TJ = 150°C
2
1
0.19
0.17
0.15
0.13
0.8
2
1.6
1.2
515
25
9


Similar Part No. - NTHS4501N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHS4101P ONSEMI-NTHS4101P Datasheet
63Kb / 6P
   Power MOSFET -20 V, 6.7 A, P-Channel ChipFET-TM
October, 2004 ??Rev. 1
NTHS4101P ONSEMI-NTHS4101P Datasheet
59Kb / 6P
   Power MOSFET -20 V, 6.7 A, P-Channel ChipFET
February, 2007 ??Rev. 3
NTHS4101P ONSEMI-NTHS4101P Datasheet
132Kb / 6P
   Power MOSFET
March, 2012 ??Rev. 4
NTHS4101PT1 ONSEMI-NTHS4101PT1 Datasheet
63Kb / 6P
   Power MOSFET -20 V, 6.7 A, P-Channel ChipFET-TM
October, 2004 ??Rev. 1
NTHS4101PT1 ONSEMI-NTHS4101PT1 Datasheet
59Kb / 6P
   Power MOSFET -20 V, 6.7 A, P-Channel ChipFET
February, 2007 ??Rev. 3
More results

Similar Description - NTHS4501N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHD4502N ONSEMI-NTHD4502N Datasheet
60Kb / 6P
   Power MOSFET 30 V, 3.9 A, Dual N?묬hannel ChipFET
October, 2004 ??Rev. 4
NTHS4166N ONSEMI-NTHS4166N Datasheet
90Kb / 6P
   Power MOSFET 30 V, 8.2 A, Single N-Channel, ChipFET Package
December, 2007 - Rev. 0
NTHS4101P ONSEMI-NTHS4101P_07 Datasheet
59Kb / 6P
   Power MOSFET -20 V, 6.7 A, P-Channel ChipFET
February, 2007 ??Rev. 3
NTHD5904N ONSEMI-NTHD5904N_05 Datasheet
65Kb / 6P
   Power MOSFET 20 V, 4.5 A, Dual N?묬hannel, ChipFET
November, 2005 ??Rev. 2
NTHD4508N ONSEMI-NTHD4508N Datasheet
55Kb / 6P
   Power MOSFET 20 V, 4.1 A, Dual N?묬hannel ChipFET
October, 2004 ??Rev. 3
NTHD5902T1 ONSEMI-NTHD5902T1 Datasheet
204Kb / 8P
   Power MOSFET Dual N?묬hannel ChipFET
February, 2005 ??Rev. XXX
NTHS4101P ONSEMI-NTHS4101P Datasheet
63Kb / 6P
   Power MOSFET -20 V, 6.7 A, P-Channel ChipFET-TM
October, 2004 ??Rev. 1
NTHS5402T1 ONSEMI-NTHS5402T1 Datasheet
206Kb / 8P
   Power MOSFET N?묬hannel ChipFET-TM
February, 2005 ??Rev. XXX
NVTFS5811NL ONSEMI-NVTFS5811NL Datasheet
118Kb / 6P
   Power MOSFET 40 V, 6.7 m, 40 A, Single N?묬hannel Small Footprint
January, 2011 ??Rev. 0
NVTFS4823N ONSEMI-NVTFS4823N Datasheet
118Kb / 6P
   Power MOSFET 30 V, 10.5 m, 30 A, Single N?묬hannel
January, 2011 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com