Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTHD3100CT1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTHD3100CT1G
Description  Power MOSFET 20 V, 3.9 A /??.4 A, Complementary ChipFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTHD3100CT1G Datasheet(HTML) 5 Page - ON Semiconductor

  NTHD3100CT1G Datasheet HTML 1Page - ON Semiconductor NTHD3100CT1G Datasheet HTML 2Page - ON Semiconductor NTHD3100CT1G Datasheet HTML 3Page - ON Semiconductor NTHD3100CT1G Datasheet HTML 4Page - ON Semiconductor NTHD3100CT1G Datasheet HTML 5Page - ON Semiconductor NTHD3100CT1G Datasheet HTML 6Page - ON Semiconductor NTHD3100CT1G Datasheet HTML 7Page - ON Semiconductor NTHD3100CT1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NTHD3100C
http://onsemi.com
5
TYPICAL N−CHANNEL PERFORMANCE CURVES
(TJ = 25°C unless otherwise noted)
VDS = 0 V
VGS = 0 V
5
10
10
400
300
200
100
0
20
GATE−TO−SOURCE OR DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 7. Capacitance Variation
Figure 8. Gate−to−Source and
Drain−to−Source Voltage vs. Total Charge
Qg, TOTAL GATE CHARGE (nC)
TJ = 25°C
COSS
CISS
CRSS
10
1
10
1
100
RG, GATE RESISTANCE (OHMS)
Figure 9. Resistive Switching Time Variation
vs. Gate Resistance
VDS = 10 V
ID = 2.9 A
VGS = 4.5 V
100
50
td(off)
td(on)
tf
tr
VGS VDS
15
0.9
3
0
VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
Figure 10. Diode Forward Voltage vs. Current
VGS = 0 V
TJ = 25°C
0.7
0.4
0.3
1
4
2
1.0
0.6
5
0
1
2
3
4
5
0
0.5
1
1.5
2
2.5
3
0
3
6
9
12
15
ID = 2.9 A
TJ = 25°C
QG
QGD
QGS
VDS
VGS
0.5
0.8


Similar Part No. - NTHD3100CT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHD3100F ONSEMI-NTHD3100F Datasheet
295Kb / 2P
   Typical Uses for FETKY Devices
Rev.0, Jun-2006
More results

Similar Description - NTHD3100CT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHC5513 ONSEMI-NTHC5513 Datasheet
89Kb / 10P
   Power MOSFET 20 V, 3.9 A / ??.0 A, Complementary ChipFET-TM
October, 2004 ??Rev. 4
NTHD3102CT1G ONSEMI-NTHD3102CT1G Datasheet
101Kb / 11P
   Power MOSFET Complementary, 20 V, 5.5 A /??.2 A, ChipFET
September, 2006 ??Rev. 2
NTHD4502N ONSEMI-NTHD4502N Datasheet
60Kb / 6P
   Power MOSFET 30 V, 3.9 A, Dual N?묬hannel ChipFET
October, 2004 ??Rev. 4
NTHS4101P ONSEMI-NTHS4101P_07 Datasheet
59Kb / 6P
   Power MOSFET -20 V, 6.7 A, P-Channel ChipFET
February, 2007 ??Rev. 3
NTHD5904N ONSEMI-NTHD5904N_05 Datasheet
65Kb / 6P
   Power MOSFET 20 V, 4.5 A, Dual N?묬hannel, ChipFET
November, 2005 ??Rev. 2
NTHD4102P ONSEMI-NTHD4102P_05 Datasheet
64Kb / 6P
   Power MOSFET -20 V, -4.1 A, Dual P-Channel ChipFET
November, 2005 ??Rev. 5
NTHD4401P ONSEMI-NTHD4401P_05 Datasheet
75Kb / 6P
   Power MOSFET -20 V, -3.0 A, Dual P-Channel, ChipFET
November, 2005 ??Rev. 4
NTHD4508N ONSEMI-NTHD4508N Datasheet
55Kb / 6P
   Power MOSFET 20 V, 4.1 A, Dual N?묬hannel ChipFET
October, 2004 ??Rev. 3
NTHD5903T1 ONSEMI-NTHD5903T1_05 Datasheet
68Kb / 6P
   Power MOSFET -20 V, -3.0 A, Dual P-Channel ChipFET
November, 2005 ??Rev. 4
NTHD4102P ONSEMI-NTHD4102P Datasheet
69Kb / 6P
   Power MOSFET -20 V, -4.1 A, Dual P-Channel ChipFET
October, 2004 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com