Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTHD3100C Datasheet(PDF) 6 Page - ON Semiconductor

Part # NTHD3100C
Description  Power MOSFET 20 V, 3.9 A /??.4 A, Complementary ChipFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTHD3100C Datasheet(HTML) 6 Page - ON Semiconductor

  NTHD3100C Datasheet HTML 1Page - ON Semiconductor NTHD3100C Datasheet HTML 2Page - ON Semiconductor NTHD3100C Datasheet HTML 3Page - ON Semiconductor NTHD3100C Datasheet HTML 4Page - ON Semiconductor NTHD3100C Datasheet HTML 5Page - ON Semiconductor NTHD3100C Datasheet HTML 6Page - ON Semiconductor NTHD3100C Datasheet HTML 7Page - ON Semiconductor NTHD3100C Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NTHD3100C
http://onsemi.com
6
TYPICAL P−CHANNEL PERFORMANCE CURVES
(TJ = 25°C unless otherwise noted)
−2 V
100°C
0
4
5
3
6
3
2
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
2
1
0
1
Figure 11. On−Region Characteristics
0.5
4
2
1.5
2.5
3
2
1
1
0
3
Figure 12. Transfer Characteristics
−VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
0.1
35
0.2
0.05
Figure 13. On−Resistance vs. Gate−to−Source
Voltage
−VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 14. On−Resistance vs. Drain Current
and Gate Voltage
−ID, DRAIN CURRENT (AMPS)
−50
0
−25
25
1.3
1.2
1
0.8
0.7
50
125
100
Figure 15. On−Resistance Variation with
Temperature
−TJ, JUNCTION TEMPERATURE (°C)
TJ = 25°C
24
TC = −55°C
ID = −3.2 A
TJ = 25°C
75
150
ID = −3.2 A
VGS = −4.5 V
4
25°C
1.4
−2.2 V
16
24
8
10
20
16
Figure 16. Drain−to−Source Leakage Current
vs. Voltage
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
12
VGS = 0 V
TJ = 100°C
−1.4 V
−1.6 V
−1.8 V
100
1000
78
−2.6 V
VDS ≥ −10 V
610
18
14
VGS = −3 V
VGS = −5 V to −3.6 V
23
4
5
TJ = 25°C
VGS = −4.5 V
VGS = −2.5 V
0.15
67
8
1.1
0.9
5
6
7
8
9
910
−2.4 V
9
8
7
6
5
0
3.5
0.125
0.075
0.175
0.1
0.2
0.05
0.15
0.125
0.075
0.175


Similar Part No. - NTHD3100C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHD3100F ONSEMI-NTHD3100F Datasheet
295Kb / 2P
   Typical Uses for FETKY Devices
Rev.0, Jun-2006
More results

Similar Description - NTHD3100C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHC5513 ONSEMI-NTHC5513 Datasheet
89Kb / 10P
   Power MOSFET 20 V, 3.9 A / ??.0 A, Complementary ChipFET-TM
October, 2004 ??Rev. 4
NTHD3102CT1G ONSEMI-NTHD3102CT1G Datasheet
101Kb / 11P
   Power MOSFET Complementary, 20 V, 5.5 A /??.2 A, ChipFET
September, 2006 ??Rev. 2
NTHD4502N ONSEMI-NTHD4502N Datasheet
60Kb / 6P
   Power MOSFET 30 V, 3.9 A, Dual N?묬hannel ChipFET
October, 2004 ??Rev. 4
NTHS4101P ONSEMI-NTHS4101P_07 Datasheet
59Kb / 6P
   Power MOSFET -20 V, 6.7 A, P-Channel ChipFET
February, 2007 ??Rev. 3
NTHD5904N ONSEMI-NTHD5904N_05 Datasheet
65Kb / 6P
   Power MOSFET 20 V, 4.5 A, Dual N?묬hannel, ChipFET
November, 2005 ??Rev. 2
NTHD4102P ONSEMI-NTHD4102P_05 Datasheet
64Kb / 6P
   Power MOSFET -20 V, -4.1 A, Dual P-Channel ChipFET
November, 2005 ??Rev. 5
NTHD4401P ONSEMI-NTHD4401P_05 Datasheet
75Kb / 6P
   Power MOSFET -20 V, -3.0 A, Dual P-Channel, ChipFET
November, 2005 ??Rev. 4
NTHD4508N ONSEMI-NTHD4508N Datasheet
55Kb / 6P
   Power MOSFET 20 V, 4.1 A, Dual N?묬hannel ChipFET
October, 2004 ??Rev. 3
NTHD5903T1 ONSEMI-NTHD5903T1_05 Datasheet
68Kb / 6P
   Power MOSFET -20 V, -3.0 A, Dual P-Channel ChipFET
November, 2005 ??Rev. 4
NTHD4102P ONSEMI-NTHD4102P Datasheet
69Kb / 6P
   Power MOSFET -20 V, -4.1 A, Dual P-Channel ChipFET
October, 2004 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com