Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTGS3441B Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTGS3441B
Description  Power MOSFET -20 V, -3.5 A, Single P-Channel, TSOP-6
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTGS3441B Datasheet(HTML) 4 Page - ON Semiconductor

  NTGS3441B Datasheet HTML 1Page - ON Semiconductor NTGS3441B Datasheet HTML 2Page - ON Semiconductor NTGS3441B Datasheet HTML 3Page - ON Semiconductor NTGS3441B Datasheet HTML 4Page - ON Semiconductor NTGS3441B Datasheet HTML 5Page - ON Semiconductor NTGS3441B Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NTGS3441B
http://onsemi.com
4
TYPICAL PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
Figure 7. Gate-to-Source and
Drain-to-Source Voltage vs. Total Charge
Figure 8. Diode Forward Voltage vs. Current
Figure 9. Threshold Voltage
0.001
60
1
100
40
30
20
10
0.1
0
1000
Figure 10. Single Pulse Maximum Power
Dissipation
SINGLE PULSE TIME (s)
0
3
0
QG, TOTAL GATE CHARGE (nC)
7
4
6
VDS = -10 V
ID = -3 A
TJ = 25°C
-VGS
QGS
QGD
QT
2
1
6
0
12
2
-VDS
10
4
2
1.0
0.0
-VSD, SOURCE-TO-DRAIN VOLTAGE (VOLTS)
VGS = 0 V
0.8
0.4
10
1.4
20
TJ = 25°C
TJ = 150°C
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
0.01
0.1
1
10
100
0.1
1
10
100
VGS = -8.0 V
SINGLE PULSE
TC = 25°C
RDS(on) LIMIT
Thermal Limit
Package Limit
100
ms
1 ms
10 ms
dc
-VDS, DRAIN-TO-SOURCE VOLTAGE (V)
8
8
4
0.2
0.6
1.0
-50
0
-25
25
0.7
0.5
0.3
0.0
50
125
100
TJ, JUNCTION TEMPERATURE (°C)
75
150
ID = -250 mA
0.9
0.6
0.4
10
0.01
50
5
6
1.2
0.8
0.2
0.1


Similar Part No. - NTGS3441B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTGS3441 ONSEMI-NTGS3441 Datasheet
110Kb / 6P
   Power MOSFET 1 Amp, 20 Volts, P?묬hannel TSOP??
October, 2012 ??Rev. 6
NTGS3441P ONSEMI-NTGS3441P Datasheet
64Kb / 6P
   Power MOSFET -20 V, -3.16 A, Single P-Channel TSOP-6
January, 2006 ??Rev. 0
NTGS3441P ONSEMI-NTGS3441P Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
NTGS3441PT1G ONSEMI-NTGS3441PT1G Datasheet
64Kb / 6P
   Power MOSFET -20 V, -3.16 A, Single P-Channel TSOP-6
January, 2006 ??Rev. 0
logo
VBsemi Electronics Co.,...
NTGS3441PT1G VBSEMI-NTGS3441PT1G Datasheet
450Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - NTGS3441B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTGS3441P ONSEMI-NTGS3441P_06 Datasheet
64Kb / 6P
   Power MOSFET -20 V, -3.16 A, Single P-Channel TSOP-6
January, 2006 ??Rev. 0
NTGS3443B ONSEMI-NTGS3443B Datasheet
96Kb / 6P
   Power MOSFET -20 V, -4.2 A, Single P-Channel, TSOP-6
November, 2007 - Rev. 0
NTGS3136P ONSEMI-NTGS3136P Datasheet
119Kb / 5P
   Power MOSFET -20 V, -5.8 A, Single P-Channel, TSOP-6
August, 2007 - Rev. 0
NTGD3148N ONSEMI-NTGD3148N Datasheet
82Kb / 5P
   Power MOSFET 20 V, 3.5 A, Dual N-Channel, TSOP-6
April, 2008 - Rev. 0
NTGS3447P ONSEMI-NTGS3447P Datasheet
95Kb / 6P
   Power MOSFET -12 V, -5.3 A, Single P-Channel, TSOP-6
August, 2007 - Rev. 0
NTGS4111P ONSEMI-NTGS4111P Datasheet
71Kb / 5P
   Power MOSFET (-30 V, -4.7 A, Single P-Channel, TSOP-6)
April, 2006 ??Rev. 2
NTGS3130N ONSEMI-NTGS3130N Datasheet
93Kb / 5P
   Power MOSFET 20 V, 5.6 A Single N-Channel, TSOP-6
May, 2007 - Rev. 0
NTGD3149C ONSEMI-NTGD3149C Datasheet
126Kb / 8P
   Power MOSFET Complementary, 20 V, 3.5/??.7 A, TSOP?? Dual
May, 2008 ??Rev. 0
NTGD4161P ONSEMI-NTGD4161P_06 Datasheet
67Kb / 5P
   Power MOSFET -30 V, -2.3 A, Dual P-Channel, TSOP-6
September, 2006 ??Rev. 1
NTGS1135P ONSEMI-NTGS1135P Datasheet
110Kb / 5P
   Power MOSFET ?? V, ??.8 A, Single P?묬hannel, TSOP??
October, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com