Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EP3SE80 Datasheet(PDF) 13 Page - Altera Corporation

Part No. EP3SE80
Description  Stratix III Device Handbook, Volume 2
Download  341 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALTERA [Altera Corporation]
Homepage  http://www.altera.com
Logo 

EP3SE80 Datasheet(HTML) 13 Page - Altera Corporation

Zoom Inzoom in Zoom Outzoom out
 13 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–3
Electrical Characteristics
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
Recommended Operating Conditions
This section lists the functional operation limits for AC and DC parameters for
Stratix III devices. Table 1–3 lists the steady-state voltage and current values expected
from Stratix III devices. All supplies are required to monotonically reach their full-rail
values within tRAMP.
Table 1–2. Maximum Allowed Overshoot During Transitions
Symbol
Parameter
Condition
Overshoot Duration as a % of
High Time
Unit
Vi (AC)
AC Input Voltage (1)
4
100.000
%
4.05
79.330
%
4.1
46.270
%
4.15
27.030
%
4.2
15.800
%
4.25
9.240
%
4.3
5.410
%
4.35
3.160
%
4.4
1.850
%
4.45
1.080
%
4.5
0.630
%
4.55
0.370
%
4.6
0.220
%
4.65
0.130
%
4.7
0.074
%
4.75
0.043
%
4.8
0.025
%
4.85
0.015
%
Note to Table 1–2:
(1) This input voltage is regardless of the V
CCIO supply which is used to power up the input buffer.
Table 1–3. Recommended Operating Conditions for Stratix III Devices (Part 1 of 2)
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
V
CCL
Selectable core voltage power supply for
internal logic and input buffers
1.05
1.1
1.15
V
Selectable core voltage power supply for
internal logic and input buffers
0.86
0.9
0.94
V
V
CC
I/O registers power supply
1.05
1.1
1.15
V
V
CCD_PLL
PLL digital power supply
1.05
1.1
1.15
V
V
CCA_PLL
PLL analog power supply
2.375
2.5
2.625
V
V
CCPT
Power supply for the programmable power
technology
2.375
2.5
2.625
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn