Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EP3SE80 Datasheet(PDF) 88 Page - Altera Corporation

Part No. EP3SE80
Description  Stratix III Device Handbook, Volume 2
Download  341 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALTERA [Altera Corporation]
Homepage  http://www.altera.com
Logo 

EP3SE80 Datasheet(HTML) 88 Page - Altera Corporation

Zoom Inzoom in Zoom Outzoom out
 88 / 341 page
background image
1–78
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
Table 1–54 lists the EP3SL70 row pins output timing parameters for single-ended I/O
standards.
Table 1–54. EP3SL70 Row Pins Output Timing Parameters (Part 1 of 4)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
3.3-V
LVTTL
4mA
GCLK
t
co
3.182
3.424
4.767
5.163 5.668
5.532 5.739
5.293 5.802 5.667
5.813
ns
GCLK
PLL
t
co
1.474
1.669
2.054
2.135 2.377
2.393 2.266
2.251 2.501 2.515
2.258
ns
8mA
GCLK
t
co
3.089
3.319
4.637
5.025 5.524
5.388 5.595
5.152 5.653 5.518
5.664
ns
GCLK
PLL
t
co
1.408
1.598
1.944
2.023 2.233
2.249 2.152
2.138 2.352 2.366
2.142
ns
12mA
GCLK
t
co
2.990
3.213
4.518
4.902 5.396
5.260 5.467
5.025 5.521 5.386
5.532
ns
GCLK
PLL
tco
1.329
1.509
1.838
1.923 2.119
2.138 2.056
2.039 2.235 2.252
2.043
ns
3.3-V
LVCMOS
4mA
GCLK
t
co
3.192
3.428
4.775
5.168 5.673
5.537 5.744
5.299 5.807 5.672
5.818
ns
GCLK
PLL
t
co
1.476
1.676
2.058
2.140 2.382
2.398 2.275
2.259 2.506 2.520
2.270
ns
8mA
GCLK
t
co
2.994
3.219
4.524
4.908 5.402
5.266 5.473
5.031 5.528 5.393
5.539
ns
GCLK
PLL
t
co
1.333
1.513
1.849
1.938 2.129
2.148 2.066
2.051 2.244 2.261
2.052
ns
3.0-V
LVTTL
4mA
GCLK
t
co
3.136
3.370
4.719
5.116 5.625
5.489 5.696
5.250 5.760 5.625
5.771
ns
GCLK
PLL
t
co
1.435
1.630
2.021
2.103 2.334
2.350 2.232
2.219 2.459 2.473
2.224
ns
8mA
GCLK
t
co
3.011
3.243
4.566
4.957 5.461
5.325 5.532
5.088 5.596 5.460
5.606
ns
GCLK
PLL
tco
1.334
1.518
1.884
1.961 2.170
2.186 2.087
2.077 2.295 2.308
2.078
ns
12mA
GCLK
t
co
2.972
3.192
4.484
4.874 5.373
5.237 5.444
5.002 5.503 5.367
5.513
ns
GCLK
PLL
t
co
1.297
1.480
1.824
1.896 2.082
2.099 2.017
2.009 2.202 2.215
2.005
ns
3.0-V
LVCMOS
4mA
GCLK
t
co
3.050
3.289
4.613
5.009 5.514
5.378 5.585
5.142 5.649 5.513
5.659
ns
GCLK
PLL
t
co
1.356
1.542
1.919
1.996 2.223
2.239 2.123
2.111 2.348 2.361
2.114
ns
8mA
GCLK
t
co
2.950
3.170
4.449
4.835 5.334
5.198 5.405
4.962 5.463 5.327
5.473
ns
GCLK
PLL
t
co
1.284
1.464
1.796
1.867 2.052
2.071 1.989
1.979 2.169 2.185
1.976
ns
2.5 V
4mA
GCLK
t
co
3.162
3.406
4.851
5.270 5.797
5.661 5.868
5.410 5.939 5.803
5.949
ns
GCLK
PLL
tco
1.461
1.667
2.129
2.229 2.506
2.522 2.377
2.351 2.638 2.651
2.376
ns
8mA
GCLK
t
co
3.052
3.307
4.696
5.107 5.627
5.491 5.698
5.243 5.765 5.629
5.775
ns
GCLK
PLL
t
co
1.376
1.564
2.005
2.094 2.336
2.352 2.235
2.214 2.464 2.477
2.231
ns
12mA
GCLK
t
co
3.006
3.231
4.585
4.988 5.501
5.365 5.572
5.120 5.635 5.499
5.645
ns
GCLK
PLL
t
co
1.319
1.520
1.921
2.008 2.210
2.226 2.144
2.125 2.334 2.347
2.137
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn