Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EP3SE80 Datasheet(PDF) 61 Page - Altera Corporation

Part No. EP3SE80
Description  Stratix III Device Handbook, Volume 2
Download  341 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALTERA [Altera Corporation]
Homepage  http://www.altera.com
Logo 

EP3SE80 Datasheet(HTML) 61 Page - Altera Corporation

Zoom Inzoom in Zoom Outzoom out
 61 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–51
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
Table 1–44 lists the EP3SL50 row pins output timing parameters for single-ended I/O
standards.
Table 1–44. EP3SL50 Row Pins output Timing Parameters (Part 1 of 4)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
3.3-V
LVTTL
4mA
GCLK
t
co
3.197
3.438
4.781
5.176
5.684
5.549
5.751
5.305
5.818
5.682
5.828
ns
GCLK
PLL
tco
1.482
1.677
2.061
2.175
2.372
2.388
2.308
2.295
2.495
2.512
2.303
ns
8mA
GCLK
t
co
3.104
3.333
4.651
5.038
5.540
5.405
5.607
5.164
5.669
5.533
5.679
ns
GCLK
PLL
t
co
1.415
1.606
1.951
2.037
2.228
2.244
2.164
2.154
2.346
2.363
2.154
ns
12mA
GCLK
t
co
3.014
3.233
4.532
4.915
5.412
5.277
5.479
5.037
5.537
5.401
5.547
ns
GCLK
PLL
t
co
1.336
1.517
1.845
1.930
2.100
2.116
2.036
2.046
2.214
2.260
2.022
ns
3.3-V
LVCMOS
4mA
GCLK
tco
3.207
3.442
4.789
5.181
5.689
5.554
5.756
5.311
5.823
5.687
5.833
ns
GCLK
PLL
t
co
1.492
1.684
2.065
2.180
2.377
2.393
2.313
2.301
2.500
2.517
2.308
ns
8mA
GCLK
t
co
3.018
3.237
4.538
4.921
5.418
5.283
5.485
5.043
5.544
5.408
5.554
ns
GCLK
PLL
t
co
1.340
1.521
1.856
1.945
2.106
2.122
2.042
2.058
2.221
2.269
2.029
ns
3.0-V
LVTTL
4mA
GCLK
t
co
3.151
3.384
4.733
5.129
5.641
5.506
5.708
5.262
5.776
5.640
5.786
ns
GCLK
PLL
t
co
1.442
1.638
2.028
2.128
2.329
2.345
2.265
2.252
2.453
2.470
2.261
ns
8mA
GCLK
t
co
3.026
3.257
4.580
4.970
5.477
5.342
5.544
5.100
5.612
5.475
5.621
ns
GCLK
PLL
t
co
1.341
1.526
1.891
1.969
2.165
2.181
2.101
2.090
2.289
2.305
2.096
ns
12mA
GCLK
tco
2.987
3.206
4.498
4.887
5.389
5.254
5.456
5.014
5.519
5.382
5.528
ns
GCLK
PLL
t
co
1.304
1.488
1.831
1.903
2.077
2.093
2.013
2.016
2.196
2.222
2.003
ns
3.0-V
LVCMOS
4mA
GCLK
t
co
3.065
3.303
4.627
5.022
5.530
5.395
5.597
5.154
5.665
5.528
5.674
ns
GCLK
PLL
t
co
1.363
1.550
1.926
2.021
2.218
2.234
2.154
2.144
2.342
2.358
2.149
ns
8mA
GCLK
t
co
2.969
3.188
4.463
4.848
5.350
5.215
5.417
4.974
5.479
5.342
5.488
ns
GCLK
PLL
t
co
1.291
1.472
1.803
1.874
2.038
2.054
1.974
1.986
2.156
2.193
1.963
ns
2.5 V
4mA
GCLK
t
co
3.177
3.420
4.865
5.283
5.813
5.678
5.880
5.422
5.955
5.818
5.964
ns
GCLK
PLL
t
co
1.468
1.675
2.136
2.282
2.501
2.517
2.437
2.412
2.632
2.648
2.439
ns
8mA
GCLK
tco
3.067
3.321
4.710
5.120
5.643
5.508
5.710
5.255
5.781
5.644
5.790
ns
GCLK
PLL
t
co
1.383
1.572
2.012
2.119
2.331
2.347
2.267
2.245
2.458
2.474
2.265
ns
12mA
GCLK
t
co
3.021
3.245
4.599
5.001
5.517
5.382
5.584
5.132
5.651
5.514
5.660
ns
GCLK
PLL
t
co
1.326
1.528
1.928
2.015
2.205
2.221
2.141
2.132
2.328
2.354
2.135
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn