Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EP3SE80 Datasheet(PDF) 54 Page - Altera Corporation

Part No. EP3SE80
Description  Stratix III Device Handbook, Volume 2
Download  341 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALTERA [Altera Corporation]
Homepage  http://www.altera.com
Logo 

EP3SE80 Datasheet(HTML) 54 Page - Altera Corporation

Zoom Inzoom in Zoom Outzoom out
 54 / 341 page
background image
1–44
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
Table 1–43 lists the EP3SL50 column pins output timing parameters for single-ended
I/O standards.
Table 1–43. EP3SL50 Column Pins output Timing Parameters (Part 1 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
3.3-V
LVTTL
4mA
GCLK
t
co
3.168
3.156
4.382
4.742
5.210
5.092
5.294
4.742
5.210
5.092
5.294
ns
GCLK
PLL
t
co
3.524
3.524
4.905
5.304
5.820
5.677
5.944
5.304
5.820
5.677
5.944
ns
8mA
GCLK
t
co
3.101
3.089
4.273
4.631
5.097
4.979
5.181
4.631
5.097
4.979
5.181
ns
GCLK
PLL
t
co
3.457
3.457
4.796
5.193
5.707
5.564
5.831
5.193
5.707
5.564
5.831
ns
12mA
GCLK
t
co
3.015
3.003
4.170
4.532
5.005
4.887
5.089
4.532
5.005
4.887
5.089
ns
GCLK
PLL
t
co
3.371
3.371
4.692
5.094
5.615
5.472
5.739
5.094
5.615
5.472
5.739
ns
16mA
GCLK
tco
3.008
2.996
4.153
4.504
4.964
4.846
5.048
4.504
4.964
4.846
5.048
ns
GCLK
PLL
t
co
3.364
3.364
4.675
5.066
5.574
5.431
5.698
5.066
5.574
5.431
5.698
ns
3.3-V
LVCMOS
4mA
GCLK
tco
3.174
3.162
4.387
4.747
5.217
5.099
5.301
4.747
5.217
5.099
5.301
ns
GCLK
PLL
t
co
3.530
3.530
4.909
5.309
5.827
5.684
5.951
5.309
5.827
5.684
5.951
ns
8mA
GCLK
t
co
3.019
3.007
4.180
4.549
5.016
4.898
5.100
4.549
5.016
4.898
5.100
ns
GCLK
PLL
t
co
3.375
3.375
4.702
5.111
5.626
5.483
5.750
5.111
5.626
5.483
5.750
ns
12mA
GCLK
t
co
3.026
3.014
4.174
4.528
4.990
4.872
5.074
4.528
4.990
4.872
5.074
ns
GCLK
PLL
t
co
3.382
3.382
4.696
5.090
5.600
5.457
5.724
5.090
5.600
5.457
5.724
ns
16mA
GCLK
t
co
3.010
2.998
4.151
4.503
4.961
4.843
5.045
4.503
4.961
4.843
5.045
ns
GCLK
PLL
t
co
3.366
3.366
4.674
5.065
5.571
5.428
5.695
5.065
5.571
5.428
5.695
ns
3.0-V
LVTTL
4mA
GCLK
t
co
3.132
3.120
4.349
4.710
5.177
5.059
5.261
4.710
5.177
5.059
5.261
ns
GCLK
PLL
tco
3.488
3.488
4.872
5.272
5.787
5.644
5.911
5.272
5.787
5.644
5.911
ns
8mA
GCLK
t
co
3.021
3.009
4.219
4.576
5.040
4.923
5.122
4.576
5.040
4.923
5.122
ns
GCLK
PLL
tco
3.377
3.377
4.742
5.138
5.650
5.508
5.773
5.138
5.650
5.508
5.773
ns
12mA
GCLK
t
co
2.985
2.973
4.156
4.507
4.966
4.849
5.049
4.507
4.966
4.849
5.049
ns
GCLK
PLL
t
co
3.341
3.341
4.679
5.069
5.576
5.434
5.699
5.069
5.576
5.434
5.699
ns
16mA
GCLK
t
co
2.967
2.955
4.127
4.479
4.937
4.819
5.021
4.479
4.937
4.819
5.021
ns
GCLK
PLL
t
co
3.323
3.323
4.650
5.041
5.547
5.404
5.671
5.041
5.547
5.404
5.671
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn