Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EP3SE80 Datasheet(PDF) 50 Page - Altera Corporation

Part No. EP3SE80
Description  Stratix III Device Handbook, Volume 2
Download  341 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALTERA [Altera Corporation]
Homepage  http://www.altera.com
Logo 

EP3SE80 Datasheet(HTML) 50 Page - Altera Corporation

Zoom Inzoom in Zoom Outzoom out
 50 / 341 page
background image
1–40
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
SSTL-15
CLASS I
GCLK
t
su
-0.608
-0.607
-0.903 -0.990 -1.084 -1.037 -1.398 -0.990 -1.084
-1.037
-1.398
ns
t
h
0.736
0.734
1.079
1.188
1.301
1.245
1.596
1.188
1.301
1.245
1.596
ns
GCLK
PLL
t
su
-0.895
-0.895
-1.301 -1.416 -1.543 -1.481 -1.797 -1.416 -1.543
-1.481
-1.797
ns
t
h
1.148
1.148
1.669
1.828
1.999
1.915
2.237
1.828
1.999
1.915
2.237
ns
1.8-V
HSTL
CLASS I
GCLK
t
su
-0.608
-0.607
-0.903 -0.990 -1.084 -1.037 -1.398 -0.990 -1.084
-1.037
-1.398
ns
t
h
0.736
0.734
1.079
1.188
1.301
1.245
1.596
1.188
1.301
1.245
1.596
ns
GCLK
PLL
t
su
-0.895
-0.895
-1.301 -1.416 -1.543 -1.481 -1.797 -1.416 -1.543
-1.481
-1.797
ns
t
h
1.148
1.148
1.669
1.828
1.999
1.915
2.237
1.828
1.999
1.915
2.237
ns
1.8-V
HSTL
CLASS II
GCLK
t
su
-0.619
-0.618
-0.912 -1.001 -1.103 -1.056 -1.417 -1.001 -1.103
-1.056
-1.417
ns
t
h
0.747
0.745
1.089
1.199
1.320
1.264
1.615
1.199
1.320
1.264
1.615
ns
GCLK
PLL
t
su
-0.906
-0.906
-1.312 -1.427 -1.562 -1.500 -1.816 -1.427 -1.562
-1.500
-1.816
ns
t
h
1.159
1.159
1.681
1.839
2.018
1.934
2.256
1.839
2.018
1.934
2.256
ns
1.5-V
HSTL
CLASS I
GCLK
t
su
-0.619
-0.618
-0.912 -1.001 -1.103 -1.056 -1.417 -1.001 -1.103
-1.056
-1.417
ns
t
h
0.747
0.745
1.089
1.199
1.320
1.264
1.615
1.199
1.320
1.264
1.615
ns
GCLK
PLL
t
su
-0.906
-0.906
-1.312 -1.427 -1.562 -1.500 -1.816 -1.427 -1.562
-1.500
-1.816
ns
t
h
1.159
1.159
1.681
1.839
2.018
1.934
2.256
1.839
2.018
1.934
2.256
ns
1.5-V
HSTL
CLASS II
GCLK
t
su
-0.608
-0.607
-0.903 -0.990 -1.084 -1.037 -1.398 -0.990 -1.084
-1.037
-1.398
ns
t
h
0.736
0.734
1.079
1.188
1.301
1.245
1.596
1.188
1.301
1.245
1.596
ns
GCLK
PLL
t
su
-0.895
-0.895
-1.301 -1.416 -1.543 -1.481 -1.797 -1.416 -1.543
-1.481
-1.797
ns
t
h
1.148
1.148
1.669
1.828
1.999
1.915
2.237
1.828
1.999
1.915
2.237
ns
1.2-V
HSTL
CLASS I
GCLK
t
su
-0.608
-0.607
-0.903 -0.990 -1.084 -1.037 -1.398 -0.990 -1.084
-1.037
-1.398
ns
t
h
0.736
0.734
1.079
1.188
1.301
1.245
1.596
1.188
1.301
1.245
1.596
ns
GCLK
PLL
t
su
-0.895
-0.895
-1.301 -1.416 -1.543 -1.481 -1.797 -1.416 -1.543
-1.481
-1.797
ns
t
h
1.148
1.148
1.669
1.828
1.999
1.915
2.237
1.828
1.999
1.915
2.237
ns
1.2-V
HSTL
CLASS II
GCLK
t
su
-0.596
-0.595
-0.893 -0.979 -1.068 -1.021 -1.382 -0.979 -1.068
-1.021
-1.382
ns
t
h
0.724
0.722
1.069
1.177
1.285
1.229
1.580
1.177
1.285
1.229
1.580
ns
GCLK
PLL
t
su
-0.883
-0.883
-1.291 -1.405 -1.527 -1.465 -1.781 -1.405 -1.527
-1.465
-1.781
ns
t
h
1.136
1.136
1.659
1.817
1.983
1.899
2.221
1.817
1.983
1.899
2.221
ns
3.0-V PCI
GCLK
t
su
-0.596
-0.595
-0.893 -0.979 -1.068 -1.021 -1.382 -0.979 -1.068
-1.021
-1.382
ns
t
h
0.724
0.722
1.069
1.177
1.285
1.229
1.580
1.177
1.285
1.229
1.580
ns
GCLK
PLL
t
su
-0.883
-0.883
-1.291 -1.405 -1.527 -1.465 -1.781 -1.405 -1.527
-1.465
-1.781
ns
t
h
1.136
1.136
1.659
1.817
1.983
1.899
2.221
1.817
1.983
1.899
2.221
ns
3.0-V
PCI-X
GCLK
t
su
-0.701
-0.700
-1.003 -1.105 -1.310 -1.265 -1.626 -1.105 -1.310
-1.265
-1.626
ns
t
h
0.827
0.825
1.181
1.306
1.530
1.474
1.829
1.306
1.530
1.474
1.829
ns
GCLK
PLL
t
su
-0.986
-0.986
-1.404 -1.534 -1.772 -1.712 -2.025 -1.534 -1.772
-1.712
-2.025
ns
t
h
1.237
1.237
1.773
1.949
2.231
2.147
2.470
1.949
2.231
2.147
2.470
ns
Table 1–41. EP3SL50 Column Pins Input Timing Parameters (Part 3 of 3)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn