Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD4810N-1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTD4810N-1G
Description  Power MOSFET 30 V, 54 A, Single N--Channel, DPAK/IPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD4810N-1G Datasheet(HTML) 4 Page - ON Semiconductor

  NTD4810N-1G Datasheet HTML 1Page - ON Semiconductor NTD4810N-1G Datasheet HTML 2Page - ON Semiconductor NTD4810N-1G Datasheet HTML 3Page - ON Semiconductor NTD4810N-1G Datasheet HTML 4Page - ON Semiconductor NTD4810N-1G Datasheet HTML 5Page - ON Semiconductor NTD4810N-1G Datasheet HTML 6Page - ON Semiconductor NTD4810N-1G Datasheet HTML 7Page - ON Semiconductor NTD4810N-1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NTD4810N
http://onsemi.com
4
TYPICAL PERFORMANCE CURVES
4V
10 V
10
0.020
30
0.005
0
1.5
1.0
0
10,000
100,000
05
30
2
1
VDS, DRAIN--TO--SOURCE VOLTAGE (VOLTS)
0
VGS, GATE--TO--SOURCE VOLTAGE (VOLTS)
Figure 1. On--Region Characteristics
Figure 2. Transfer Characteristics
3
0.048
4
0.023
0.013
0.003
5
Figure 3. On--Resistance vs. Gate--to--Source
Voltage
VGS, GATE--TO--SOURCE VOLTAGE (VOLTS)
Figure 4. On--Resistance vs. Drain Current and
Gate Voltage
ID, DRAIN CURRENT (AMPS)
Figure 5. On--Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. Drain--to--Source Leakage Current
vs. Drain Voltage
VDS, DRAIN--TO--SOURCE VOLTAGE (VOLTS)
--50
50
25
0
--25
75
125
100
23
15
10
25
5
3
VDS ≥ 10 V
TJ =25°C
TJ =--55°C
TJ = 125°C
VGS =4.5 V
175
VGS =0 V
ID =30 A
VGS =10 V
50
TJ = 175°C
TJ = 125°C
40
0
45
TJ =25°C
20
10
5V
3V
6V
2.0
1000
4
1
0
610
0.033
40
0.010
50
4.5 V
3.4 V
3.6 V
3.8 V
40
10
20
60
30
20
60
10
50
ID =30 A
TJ =25°C
78
9
0.008
0.018
0.028
0.043
0.038
25
35
45
55
VGS =11.5 V
150
100
3.2 V
TJ =25°C
0.015
15
20
2.8 V
0.5


Similar Part No. - NTD4810N-1G

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTD4810N-1G VBSEMI-NTD4810N-1G Datasheet
959Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - NTD4810N-1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4810NH ONSEMI-NTD4810NH Datasheet
89Kb / 8P
   Power MOSFET 30 V, 54 A, Single N?묬hannel, DPAK/IPAK
December, 2006 ??Rev. 0
NTD4906N ONSEMI-NTD4906N Datasheet
148Kb / 8P
   Power MOSFET 30 V, 54 A, Single N?묬hannel, DPAK/IPAK
June, 2009 ??Rev. 1
NTD4804N ONSEMI-NTD4804N Datasheet
280Kb / 8P
   Power MOSFET 30 V, 117 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 6
NTD4815NH ONSEMI-NTD4815NH Datasheet
89Kb / 8P
   Power MOSFET 30 V, 35 A, Single N-Channel, DPAK/IPAK
December, 2006 ??Rev. 0
NTD4808N ONSEMI-NTD4808N Datasheet
326Kb / 8P
   Power MOSFET 30 V, 63 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 5
NTD4813N ONSEMI-NTD4813N Datasheet
308Kb / 8P
   Power MOSFET 30 V, 40 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 6
NTD4806N ONSEMI-NTD4806N Datasheet
297Kb / 8P
   Power MOSFET 30 V, 76 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 5
NTD4805N ONSEMI-NTD4805N_V01 Datasheet
250Kb / 9P
   MOSFET – Power, Single, N-Channel, DPAK/IPAK 30 V, 88 A
May, 2019 - Rev. 8
NTD4809N ONSEMI-NTD4809N Datasheet
276Kb / 8P
   Power MOSFET 30 V, 58 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 11
NTD4815N ONSEMI-NTD4815N Datasheet
298Kb / 8P
   Power MOSFET 30 V, 35 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com