Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP3SL70 Datasheet(PDF) 25 Page - Altera Corporation

Part # EP3SL70
Description  Stratix III Device Handbook, Volume 2
Download  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL70 Datasheet(HTML) 25 Page - Altera Corporation

Back Button EP3SL70 Datasheet HTML 21Page - Altera Corporation EP3SL70 Datasheet HTML 22Page - Altera Corporation EP3SL70 Datasheet HTML 23Page - Altera Corporation EP3SL70 Datasheet HTML 24Page - Altera Corporation EP3SL70 Datasheet HTML 25Page - Altera Corporation EP3SL70 Datasheet HTML 26Page - Altera Corporation EP3SL70 Datasheet HTML 27Page - Altera Corporation EP3SL70 Datasheet HTML 28Page - Altera Corporation EP3SL70 Datasheet HTML 29Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 341 page
background image
f
CLBW
PLL closed-loop low bandwidth
0.3
0.3
0.3
0.3
0.3
MHz
PLL closed-loop medium
bandwidth
1.5
1.5
1.5
1.5
1.5
MHz
PLL closed-loop high bandwidth
(6)
—4
4
—4
4
4
—MHz
t
PLL_PSERR
Accuracy of PLL phase shift
±50
±50
±50
±50
±50
ps
t
ARESET
Minimum pulse width on areset
signal
10
——
10
10
—10
—10
ns
t
INCCJ (3), (4)
Input clock cycle to cycle jitter
(F
REF  100 MHz)
0.15
0.15
0.15
0.15
0.1
UI (p-p)
Input clock cycle to cycle jitter
(F
REF < 100 MHz)
±750
±750
±750
±750
±500 ps (p-p)
t
OUTPJ_DC (5)
Period Jitter for dedicated clock
output (F
OUT 100 MHz)
175
175
175
175
225
ps (p-p)
Period Jitter for dedicated clock
output (F
OUT < 100 MHz)
17.5
17.5
17.5
17.5
22.5
mUI
(p-p)
t
OUTCCJ_DC (5)
Cycle to Cycle Jitter for dedicated
clock output
(F
OUT 100 MHz)
175
175
175
175
225
ps (p-p)
Cycle to Cycle Jitter for dedicated
clock output
(F
OUT < 100 MHz)
17.5
17.5
17.5
17.5
22.5
mUI
(p-p)
t
OUTPJ_IO (5), (8)
Period Jitter for clock output on
regular IO (F
OUT  100 MHz)
600
600
600
600
750
ps (p-p)
Period Jitter for clock output on
regular IO (F
OUT < 100 MHz)
60
——
60
——
60
60
—75
mUI
(p-p)
Table 1–20. PLL Specifications for Stratix III Devices (Part 2 of 3)
Symbol
Parameter
C2
C3, I3
C4, I4
C4L, I4L
Unit
V
CCL = 1.1 V
V
CCL = 1.1 V
V
CCL = 1.1 V
V
CCL = 1.1 V
V
CCL = 0.9 V
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max


Similar Part No. - EP3SL70

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP3SL70 ALTERA-EP3SL70 Datasheet
3Mb / 341P
   Stratix III Device Handbook
EP3SL70 ALTERA-EP3SL70 Datasheet
3Mb / 341P
   Stratix III Device Handbook
EP3SL70F780C3N ALTERA-EP3SL70F780C3N Datasheet
201Kb / 16P
   Stratix III Device Family Overview
More results

Similar Description - EP3SL70

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP3SE110F1152I3N ALTERA-EP3SE110F1152I3N Datasheet
3Mb / 341P
   Stratix III Device Handbook
EP3SL50F780C4 ALTERA-EP3SL50F780C4 Datasheet
3Mb / 341P
   Stratix III Device Handbook
EP3SL110F1152C2N ALTERA-EP3SL110F1152C2N Datasheet
3Mb / 341P
   Stratix III Device Handbook,
EP3SE260F1152I4N ALTERA-EP3SE260F1152I4N Datasheet
3Mb / 341P
   Stratix III Device Handbook,
EP1S40F1020C5 ALTERA-EP1S40F1020C5 Datasheet
3Mb / 292P
   Stratix Device Handbook, Volume 1
EP1S10F672C7N ALTERA-EP1S10F672C7N Datasheet
3Mb / 292P
   Stratix Device Handbook, Volume 1
logo
List of Unclassifed Man...
EP1S20F672C7N ETC2-EP1S20F672C7N Datasheet
9Mb / 864P
   Stratix Device Handbook, Volume 1
logo
Altera Corporation
EP1S60F1020C6N ALTERA-EP1S60F1020C6N Datasheet
3Mb / 292P
   Stratix Device Handbook, Volume 1
EP1S40F780C7 ALTERA-EP1S40F780C7 Datasheet
9Mb / 864P
   Stratix Device Handbook, Volume 1
EP1S80F1020C6 ALTERA-EP1S80F1020C6 Datasheet
9Mb / 864P
   Stratix Device Handbook, Volume 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com