Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP3SL50 Datasheet(PDF) 60 Page - Altera Corporation

Part # EP3SL50
Description  Stratix III Device Handbook, Volume 2
Download  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL50 Datasheet(HTML) 60 Page - Altera Corporation

Back Button EP3SL50 Datasheet HTML 56Page - Altera Corporation EP3SL50 Datasheet HTML 57Page - Altera Corporation EP3SL50 Datasheet HTML 58Page - Altera Corporation EP3SL50 Datasheet HTML 59Page - Altera Corporation EP3SL50 Datasheet HTML 60Page - Altera Corporation EP3SL50 Datasheet HTML 61Page - Altera Corporation EP3SL50 Datasheet HTML 62Page - Altera Corporation EP3SL50 Datasheet HTML 63Page - Altera Corporation EP3SL50 Datasheet HTML 64Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 341 page
background image
1–50
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
1.2-V
HSTL
CLASS I
4mA
GCLK
t
co
3.015
3.003
4.256
4.625
5.101
4.983
5.185
4.625
5.101
4.983
5.185
ns
GCLK
PLL
tco
3.371
3.371
4.778
5.187
5.711
5.568
5.835
5.187
5.711
5.568
5.835
ns
6mA
GCLK
t
co
3.007
2.995
4.247
4.616
5.092
4.974
5.176
4.616
5.092
4.974
5.176
ns
GCLK
PLL
t
co
3.363
3.363
4.769
5.178
5.702
5.559
5.826
5.178
5.702
5.559
5.826
ns
8mA
GCLK
t
co
3.008
2.996
4.254
4.624
5.101
4.983
5.185
4.624
5.101
4.983
5.185
ns
GCLK
PLL
t
co
3.364
3.364
4.777
5.186
5.711
5.568
5.835
5.186
5.711
5.568
5.835
ns
10mA
GCLK
t
co
2.997
2.985
4.241
4.611
5.087
4.969
5.171
4.611
5.087
4.969
5.171
ns
GCLK
PLL
t
co
3.353
3.353
4.764
5.173
5.697
5.554
5.821
5.173
5.697
5.554
5.821
ns
12mA
GCLK
t
co
2.997
2.985
4.241
4.611
5.088
4.970
5.172
4.611
5.088
4.970
5.172
ns
GCLK
PLL
t
co
3.353
3.353
4.764
5.173
5.698
5.555
5.822
5.173
5.698
5.555
5.822
ns
1.2-V
HSTL
CLASS II
16mA
GCLK
tco
3.018
3.006
4.257
4.626
5.101
4.983
5.185
4.626
5.101
4.983
5.185
ns
GCLK
PLL
t
co
3.374
3.374
4.780
5.188
5.711
5.568
5.835
5.188
5.711
5.568
5.835
ns
3.0-V PCI
GCLK
tco
3.121
3.109
4.302
4.660
5.126
5.008
5.210
4.660
5.126
5.008
5.210
ns
GCLK
PLL
t
co
3.477
3.477
4.825
5.222
5.736
5.593
5.860
5.222
5.736
5.593
5.860
ns
3.0-V
PCI-X
GCLK
t
co
3.121
3.109
4.302
4.660
5.126
5.008
5.210
4.660
5.126
5.008
5.210
ns
GCLK
PLL
t
co
3.477
3.477
4.825
5.222
5.736
5.593
5.860
5.222
5.736
5.593
5.860
ns
Table 1–43. EP3SL50 Column Pins output Timing Parameters (Part 7 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V


Similar Part No. - EP3SL50

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP3SL50 ALTERA-EP3SL50 Datasheet
3Mb / 341P
   Stratix III Device Handbook
EP3SL50 ALTERA-EP3SL50 Datasheet
3Mb / 341P
   Stratix III Device Handbook
EP3SL50F780C4 ALTERA-EP3SL50F780C4 Datasheet
3Mb / 341P
   Stratix III Device Handbook
More results

Similar Description - EP3SL50

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP3SE110F1152I3N ALTERA-EP3SE110F1152I3N Datasheet
3Mb / 341P
   Stratix III Device Handbook
EP3SL50F780C4 ALTERA-EP3SL50F780C4 Datasheet
3Mb / 341P
   Stratix III Device Handbook
EP3SL110F1152C2N ALTERA-EP3SL110F1152C2N Datasheet
3Mb / 341P
   Stratix III Device Handbook,
EP3SE260F1152I4N ALTERA-EP3SE260F1152I4N Datasheet
3Mb / 341P
   Stratix III Device Handbook,
EP1S40F1020C5 ALTERA-EP1S40F1020C5 Datasheet
3Mb / 292P
   Stratix Device Handbook, Volume 1
EP1S10F672C7N ALTERA-EP1S10F672C7N Datasheet
3Mb / 292P
   Stratix Device Handbook, Volume 1
logo
List of Unclassifed Man...
EP1S20F672C7N ETC2-EP1S20F672C7N Datasheet
9Mb / 864P
   Stratix Device Handbook, Volume 1
logo
Altera Corporation
EP1S60F1020C6N ALTERA-EP1S60F1020C6N Datasheet
3Mb / 292P
   Stratix Device Handbook, Volume 1
EP1S40F780C7 ALTERA-EP1S40F780C7 Datasheet
9Mb / 864P
   Stratix Device Handbook, Volume 1
EP1S80F1020C6 ALTERA-EP1S80F1020C6 Datasheet
9Mb / 864P
   Stratix Device Handbook, Volume 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com