Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD78N03R-35G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NTD78N03R-35G
Description  Power MOSFET 25 V, 85 A, Single N?묬hannel, DPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD78N03R-35G Datasheet(HTML) 8 Page - ON Semiconductor

  NTD78N03R-35G Datasheet HTML 1Page - ON Semiconductor NTD78N03R-35G Datasheet HTML 2Page - ON Semiconductor NTD78N03R-35G Datasheet HTML 3Page - ON Semiconductor NTD78N03R-35G Datasheet HTML 4Page - ON Semiconductor NTD78N03R-35G Datasheet HTML 5Page - ON Semiconductor NTD78N03R-35G Datasheet HTML 6Page - ON Semiconductor NTD78N03R-35G Datasheet HTML 7Page - ON Semiconductor NTD78N03R-35G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
NTD78N03R
http://onsemi.com
8
PACKAGE DIMENSIONS
3 IPAK, STRAIGHT LEAD
CASE 369AC−01
ISSUE O
D
A
K
B
R
V
F
G
3 PL
E
C
J
H
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.235
0.245
5.97
6.22
B
0.250
0.265
6.35
6.73
C
0.086
0.094
2.19
2.38
D
0.027
0.035
0.69
0.88
E
0.018
0.023
0.46
0.58
F
0.037
0.043
0.94
1.09
G
0.090 BSC
2.29 BSC
H
0.034
0.040
0.87
1.01
J
0.018
0.023
0.46
0.58
K
0.134
0.142
3.40
3.60
R
0.180
0.215
4.57
5.46
V
0.035
0.050
0.89
1.27
W
0.000
0.010
0.000
0.25
NOTES:
1.. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2.. CONTROLLING DIMENSION: INCH.
3. SEATING PLANE IS ON TOP OF
DAMBAR POSITION.
4. DIMENSION A DOES NOT INCLUDE
DAMBAR POSITION OR MOLD GATE.
W
SEATING PLANE
0.13 (0.005) W
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
NTD78N03R/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NTD78N03R-35G

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTD78N03R-001 VBSEMI-NTD78N03R-001 Datasheet
995Kb / 7P
   N-Channel 30-V (D-S) MOSFET
NTD78N03R-1G VBSEMI-NTD78N03R-1G Datasheet
995Kb / 7P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - NTD78N03R-35G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVD5803N ONSEMI-NVD5803N Datasheet
106Kb / 6P
   Power MOSFET 40 V, 85 A, Single N?묬hannel, DPAK
April, 2010 ??Rev. 0
NTD78N03-35G ONSEMI-NTD78N03-35G Datasheet
76Kb / 7P
   Power MOSFET 25 V, 78 A, Single N?묬hannel, DPAK
September, 2006 ??Rev. 6
NTD78N03-1G ONSEMI-NTD78N03-1G Datasheet
87Kb / 7P
   Power MOSFET 25 V, 78 A, Single N?묬hannel, DPAK
September, 2006 ??Rev. 6
NTD78N03 ONSEMI-NTD78N03 Datasheet
83Kb / 8P
   Power MOSFET 25 V, 78 A, Single N?묬hannel, DPAK
February, 2005 ??Rev. 0
NTD60N02R-35G ONSEMI-NTD60N02R-35G Datasheet
85Kb / 8P
   Power MOSFET 62 A, 25 V, N?묬hannel, DPAK
December, 2006 ??Rev. 12
NTD4860N-35G ONSEMI-NTD4860N-35G Datasheet
124Kb / 8P
   25 V, 65 A, Single N?묬hannel, DPAK/IPAK
August, 2014 ??Rev. 2
NTD5802NT4G ONSEMI-NTD5802NT4G Datasheet
130Kb / 7P
   Power MOSFET 40 V, Single N?묬hannel, 101 A DPAK
August, 2011 ??Rev. 6
NTD5804N ONSEMI-NTD5804N Datasheet
132Kb / 6P
   Power MOSFET 40 V, 69 A, Single N?묬hannel, DPAK
March, 2009 ??Rev. 0
NTD5802N ONSEMI-NTD5802N Datasheet
135Kb / 6P
   Power MOSFET 40 V, Single N?묬hannel, 101 A DPAK
April, 2009 ??Rev. 4
NVD5890NT4G ONSEMI-NVD5890NT4G Datasheet
116Kb / 7P
   Power MOSFET 40 V, 123 A, Single N?묬hannel DPAK
January, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com