Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT23G Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # PT23G
Description  PHOTODARLINGTONS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

PT23G Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  PT23G Datasheet HTML 1Page - KODENSHI_AUK CORP. PT23G Datasheet HTML 2Page - KODENSHI_AUK CORP. PT23G Datasheet HTML 3Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
電気的光学的特性
PT23G
特長
Plastic mold package
用途
機器内透過センサ、光電スイッチ、フォトインタラプタ
Transmission sensors, Optical switches,
Photointerrupters
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit.
(Ta=25℃)
最大定格 MAXIMUM RATINGS
Item
Symbol
Rating
Unit
動作温度
保存温度
半田付温度
Topr.
Tstg.
Tsol.
-20~+100
-20~+100
260
(Ta=25℃)
VCEO
30
V
C-E voltage
Operating temp.
Storage temp.
Soldering temp.
PHOTODARLINGTONS
樹脂モールドタイプ
8
Apr.2009
PT23Gは、縦型透明樹脂でモールドされた高出力のシリコンフォトダーリントンです。小型で実装が容易です。
The PT23G is a high-output silicon photodarlington mounted in a clear side- viewing plastic package. This
photodarlington is both compact and easy to mount.
フォトダーリントン
FEATURES
APPLICATIONS
ELECTRO-OPTICAL CHARACTERISTICS
本資料に記載しております内容は、技術の改良、進歩等によって予告なしに変更されることがあります。ご使用の際には、仕様書をご用命のうえ、
内容の確認をお願い致します。
T
he contents of this data sheet are subject to change without advance notice for the purpose of improvement. When using this product,
would you please refer to the latest specifications.
*1. リード根元より2mm離れた所で t=5 s
For MAX. 5 seconds at the position of 2mm from the resin edge
*1
暗電流
分光感度
ピーク感度波長
半値角
Dark current
Light current
Spectral sensitivity
Peak wavelength
Half angle
ICEO
IL
λ
λp
Δθ
*2
VCEO=5V
VCE=10V, Ev=2Lx
480~1000
800
±30
1.0
μA
μA
nm
nm
deg
*2. 色温度=2856K標準タングステン電球
Color temp. = 2856K standard Tungsten lamp
VECO
4
V
E-C voltage
IC
50
mA
Collector current
PC
150
mW
Collector power dissipation
コレクタ ・
エミッタ間電圧
コレクタ ・
エミッタ間電圧
コレクタ電流
コレクタ損失
光電流


Similar Part No. - PT23G

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
PT23GP11 KODENSHI-PT23GP11 Datasheet
527Kb / 2P
   Daylight sensor
More results

Similar Description - PT23G

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
PT304R2L KODENSHI-PT304R2L Datasheet
144Kb / 3P
   PHOTODARLINGTONS
logo
Clairex Technologies, I...
CLR130W CLAIREX-CLR130W Datasheet
123Kb / 1P
   NPN Silicon Photodarlingtons
logo
List of Unclassifed Man...
CLR130 ETC2-CLR130 Datasheet
121Kb / 1P
   NPN Silicon Photodarlingtons
logo
Clairex Technologies, I...
CLR130 CLAIREX-CLR130 Datasheet
126Kb / 1P
   NPN Silicon Photodarlingtons
CLR132 CLAIREX-CLR132 Datasheet
126Kb / 1P
   NPN Silicon Photodarlingtons
logo
List of Unclassifed Man...
OP300 ETC1-OP300 Datasheet
88Kb / 2P
   NPN Silicon Photodarlingtons
logo
Clairex Technologies, I...
CLR131 CLAIREX-CLR131 Datasheet
126Kb / 1P
   NPN Silicon Photodarlingtons
CLR132W CLAIREX-CLR132W Datasheet
123Kb / 1P
   NPN Silicon Photodarlingtons
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com