Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD70N03RT4 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTD70N03RT4
Description  Power MOSFET 72 A, 25 V, N-Channel DPAK
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD70N03RT4 Datasheet(HTML) 3 Page - ON Semiconductor

  NTD70N03RT4 Datasheet HTML 1Page - ON Semiconductor NTD70N03RT4 Datasheet HTML 2Page - ON Semiconductor NTD70N03RT4 Datasheet HTML 3Page - ON Semiconductor NTD70N03RT4 Datasheet HTML 4Page - ON Semiconductor NTD70N03RT4 Datasheet HTML 5Page - ON Semiconductor NTD70N03RT4 Datasheet HTML 6Page - ON Semiconductor NTD70N03RT4 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NTD70N03R
http://onsemi.com
3
TYPICAL PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
10 V
10
0.016
70
50
0.012
0.004
0
30
110
150
1.6
1.2
1.4
1.0
0.8
0.6
10,000
1,000,000
010
50
4
2
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
0
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
2
0.04
8
6
0.02
0.01
0
410
Figure 3. On-Resistance versus
Gate-to-Source Voltage
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
Figure 4. On-Resistance versus Drain Current
and Gate Voltage
ID, DRAIN CURRENT (AMPS)
Figure 5. On-Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. Drain-to-Source Leakage Current
versus Voltage
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
175
-50
50
25
0
-25
75
125
100
2
015
10
25
5
6
25
75
VDS ≥ 10 V
TJ = 25°C
TJ = -55°C
TJ = 175°C
VGS = 10 V
175
VGS = 0 V
ID = 36 A
VGS = 10 V
100
0.05
TJ = 100°C
TJ = 175°C
50
0
150
25
75
4
TJ = 25°C
TJ = -55°C
20
10
8 V
4 V
6 V
3.8 V
5 V
4.5 V
2.0
8
1000
8
125
150
3 V
0
100
125
0.03
TJ = 175°C
90
0.008
130
ID = 72 A
TJ = 25°C
1.8
150
100
100,000
6
4.2 V
3.6 V
3.4 V
3.2 V
2.8 V
2.6 V
2.4 V
TJ = 25°C


Similar Part No. - NTD70N03RT4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD70N03RT4 ONSEMI-NTD70N03RT4 Datasheet
91Kb / 7P
   Power MOSFET 72 A, 25 V, N-Channel DPAK
March, 2008 - Rev. 10
logo
VBsemi Electronics Co.,...
NTD70N03RT4 VBSEMI-NTD70N03RT4 Datasheet
1,002Kb / 7P
   N-Channel 30-V (D-S) MOSFET
logo
ON Semiconductor
NTD70N03RT4G ONSEMI-NTD70N03RT4G Datasheet
91Kb / 7P
   Power MOSFET 72 A, 25 V, N-Channel DPAK
March, 2008 - Rev. 10
logo
VBsemi Electronics Co.,...
NTD70N03RT4G VBSEMI-NTD70N03RT4G Datasheet
1,002Kb / 7P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - NTD70N03RT4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD70N03R-001 ONSEMI-NTD70N03R-001 Datasheet
91Kb / 7P
   Power MOSFET 72 A, 25 V, N-Channel DPAK
March, 2008 - Rev. 10
NTD65N03R ONSEMI-NTD65N03R Datasheet
74Kb / 8P
   Power MOSFET 25 V, 65 A, Single N-Channel, DPAK
July, 2006 ??Rev. 3
NTD4856N ONSEMI-NTD4856N Datasheet
104Kb / 8P
   Power MOSFET 25 V, 89 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4857N ONSEMI-NTD4857N Datasheet
94Kb / 8P
   Power MOSFET 25 V, 78 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4858N ONSEMI-NTD4858N Datasheet
105Kb / 8P
   Power MOSFET 25 V, 73 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4863N ONSEMI-NTD4863N Datasheet
105Kb / 8P
   Power MOSFET 25 V, 49 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4863NAT4G ONSEMI-NTD4863NAT4G Datasheet
292Kb / 8P
   Power MOSFET 25 V, 49 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 2
NTD4854N ONSEMI-NTD4854N Datasheet
105Kb / 8P
   Power MOSFET 25 V, 128 A, Single N-Channel, DPAK/IPAK
April, 2008 - Rev. 1
NTD4865N ONSEMI-NTD4865N Datasheet
105Kb / 8P
   Power MOSFET 25 V, 44 A, Single N-Channel, DPAK/IPAK
April, 2008 - Rev. 1
NTD4855N ONSEMI-NTD4855N Datasheet
99Kb / 8P
   Power MOSFET 25 V, 98 A, Single N-Channel, DPAK/IPAK
April, 2008 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com