Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXS0101 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TXS0101
Description  1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXS0101 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TXS0101 Datasheet HTML 5Page - Texas Instruments TXS0101 Datasheet HTML 6Page - Texas Instruments TXS0101 Datasheet HTML 7Page - Texas Instruments TXS0101 Datasheet HTML 8Page - Texas Instruments TXS0101 Datasheet HTML 9Page - Texas Instruments TXS0101 Datasheet HTML 10Page - Texas Instruments TXS0101 Datasheet HTML 11Page - Texas Instruments TXS0101 Datasheet HTML 12Page - Texas Instruments TXS0101 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
V
CCB
B
V
CCA
V
CCB
GateBias
One-
shot
One-
shot
10k
10k
T1
T2
A
Input Driver Requirements
Power Up
Enable and Disable
Pullup or Pulldown Resistors on I/O Lines
TXS0101
www.ti.com ............................................................................................................................................. SCES638B – OCTOBER 2007 – REVISED JANUARY 2009
Figure 1. Architecture of a TXS01xx Cell
Each A-port I/O has an internal 10-k
Ω pullup resistor to VCCA, and each B-port I/O has an internal 10-kΩ pullup
resistor to VCCB. The output one-shots detect rising edges on the A or B ports. During a rising edge, the one-shot
turns on the PMOS transistors (T1,T2) for a short duration, which speeds up the low-to-high transition.
The fall time (tfA, tfB) of a signal depends on the output impedance of the external device driving the data I/Os of
the TXS0101. Similarly, the tPHL and max data rates also depend on the output impedance of the external driver.
The values for tfA, tfB, tPHL, and maximum data rates in the data sheet assume that the output impedance of the
external driver is less than 50
Ω.
During operation, ensure that VCCA ≤ VCCB at all times. During power-up sequencing, VCCA ≥ VCCB does not
damage the device, so any power supply can be ramped up first.
The TXS0101 has an OE input that is used to disable the device by setting OE low, which places all I/Os in the
Hi-Z state. The disable time (tdis) indicates the delay between the time when OE goes low and when the outputs
actually get disabled (Hi-Z). The enable time (ten) indicates the amount of time the user must allow for the
one-shot circuitry to become operational after OE is taken high.
Each A-port I/O has an internal 10-k
Ω pullup resistor to VCCA, and each B-port I/O has an internal 10-kΩ pullup
resistor to VCCB. If a smaller value of pullup resistor is required, an external resistor must be added from the I/O
to VCCA or VCCB (in parallel with the internal 10-kΩ resistors).
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TXS0101


Similar Part No. - TXS0101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0101 TI-TXS0101 Datasheet
590Kb / 18P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
TXS0101 TI-TXS0101 Datasheet
615Kb / 19P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0101DBVR TI-TXS0101DBVR Datasheet
590Kb / 18P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
TXS0101DBVR TI-TXS0101DBVR Datasheet
615Kb / 19P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0101DBVR TI1-TXS0101DBVR Datasheet
1Mb / 32P
[Old version datasheet]    1-Bit Bidirectional Level-Shifting, Voltage-Level Translator
More results

Similar Description - TXS0101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0101 TI-TXS0101_08 Datasheet
615Kb / 19P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
logo
Union Semiconductor, In...
UM2002 UNIONSEMI-UM2002 Datasheet
279Kb / 12P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2001 NXP-NVT2001_V01 Datasheet
542Kb / 32P
   Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 4.4 - 22 May 2023
NVT2006BS PHILIPS-NVT2006BS Datasheet
493Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 5-19 February 2014
logo
Union Semiconductor, In...
UM3211P UNIONSEMI-UM3211P Datasheet
275Kb / 10P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2008PW NXP-NVT2008PW Datasheet
439Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 3-27 January 2014
NVT2001 PHILIPS-NVT2001 Datasheet
217Kb / 23P
   Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 2-26 October 2011
logo
Union Semiconductor, In...
UM2002 UNIONSEMI-UM2002_15 Datasheet
280Kb / 12P
   Bidirectional Voltage Level Translator for Open-Drain and Push-Pull Applications
UM2001P UNIONSEMI-UM2001P Datasheet
245Kb / 10P
   Bidirectional Voltage Level Translator for Open-Drain and Push-Pull Applications
logo
Texas Instruments
TXS0102 TI-TXS0102_11 Datasheet
718Kb / 23P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com