Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXB0106 Datasheet(PDF) 6 Page - Texas Instruments

Part # TXB0106
Description  6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXB0106 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TXB0106_10 Datasheet HTML 2Page - Texas Instruments TXB0106_10 Datasheet HTML 3Page - Texas Instruments TXB0106_10 Datasheet HTML 4Page - Texas Instruments TXB0106_10 Datasheet HTML 5Page - Texas Instruments TXB0106_10 Datasheet HTML 6Page - Texas Instruments TXB0106_10 Datasheet HTML 7Page - Texas Instruments TXB0106_10 Datasheet HTML 8Page - Texas Instruments TXB0106_10 Datasheet HTML 9Page - Texas Instruments TXB0106_10 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
SWITCHING CHARACTERISTICS
SWITCHING CHARACTERISTICS
TXB0106
SCES709 – SEPTEMBER 2008 ......................................................................................................................................................................................... www.ti.com
over recommended operating free-air temperature range, VCCA = 1.5 V ± 0.1 V (unless otherwise noted)
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
A
B
1.4
12.9
1.2
10.1
1.1
10
0.8
9.9
tpd
ns
B
A
0.9
14.2
0.7
12
0.4
11.7
0.3
13.7
A
1
1
1
1
ten
OE
µs
B
1
1
1
1
A
6.6
33
6.4
25.3
6.1
23.1
5.9
24.6
tdis
OE
ns
B
6.6
35.6
5.8
25.6
5.5
22.1
5.6
20.6
trA, tfA
A-port rise and fall times
0.8
6.5
0.8
6.3
0.8
6.3
0.8
6.3
ns
trB, tfB
B-port rise and fall times
1
7.3
0.7
4.9
0.7
4.6
0.6
4.6
ns
tSK(O)
Channel-to-channel skew
2.6
1.9
1.6
1.3
ns
Max data rate
50
50
50
50
Mbps
over recommended operating free-air temperature range, VCCA = 1.8 V ± 0.15 V (unless otherwise noted)
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
A
B
1.6
11
1.4
7.7
1.3
6.8
1.2
6.5
tpd
ns
B
A
1.5
12
1.2
8.4
0.8
7.6
0.5
7.1
A
1
1
1
1
ten
OE
µs
B
1
1
1
1
A
5.9
26.7
5.6
21.6
5.4
18.9
4.8
18.7
tdis
OE
ns
B
6.1
33.9
5.2
23.7
5
19.9
5
17.6
trA, tfA
A-port rise and fall times
0.7
5.1
0.7
5
1
5
0.7
5
ns
trB, tfB
B-port rise and fall times
1
7.3
0.7
5
0.7
3.9
0.6
3.8
ns
tSK(O)
Channel-to-channel skew
0.8
0.7
0.6
0.6
ns
Max data rate
52
60
60
60
Mbps
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TXB0106


Similar Part No. - TXB0106_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0106 TI-TXB0106_11 Datasheet
650Kb / 20P
[Old version datasheet]   6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0106 TI1-TXB0106_15 Datasheet
1Mb / 28P
[Old version datasheet]   6-Bit Bidirectional Level-Shifting and Voltage Translator
More results

Similar Description - TXB0106_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0106 TI-TXB0106 Datasheet
667Kb / 19P
[Old version datasheet]   6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0108 TI-TXB0108_10 Datasheet
653Kb / 22P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0102 TI-TXB0102_10 Datasheet
460Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0102_101 TI-TXB0102_101 Datasheet
441Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0101 TI-TXB0101_08 Datasheet
838Kb / 22P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0101 TI-TXB0101 Datasheet
489Kb / 18P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0104 TI-TXB0104 Datasheet
135Kb / 12P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0102 TI-TXB0102 Datasheet
425Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0108 TI-TXB0108 Datasheet
294Kb / 16P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0108 TI-TXB0108_V01 Datasheet
2Mb / 41P
[Old version datasheet]   TXB0108 8-Bit Bidirectional Voltage-Level Translator with Auto-Direction Sensing and 짹15-kV ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com