Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRS3318CPWG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TRS3318CPWG4
Description  2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS3318CPWG4 Datasheet(HTML) 2 Page - Texas Instruments

  TRS3318CPWG4 Datasheet HTML 1Page - Texas Instruments TRS3318CPWG4 Datasheet HTML 2Page - Texas Instruments TRS3318CPWG4 Datasheet HTML 3Page - Texas Instruments TRS3318CPWG4 Datasheet HTML 4Page - Texas Instruments TRS3318CPWG4 Datasheet HTML 5Page - Texas Instruments TRS3318CPWG4 Datasheet HTML 6Page - Texas Instruments TRS3318CPWG4 Datasheet HTML 7Page - Texas Instruments TRS3318CPWG4 Datasheet HTML 8Page - Texas Instruments TRS3318CPWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.ti.com
TRS3318
2.5-V 460-kbps RS-232 TRANSCEIVER
WITH ±15-kV ESD PROTECTION
SLLS820 – AUGUST 2007
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube of 70
TRS3318CDB
SSOP – DB
RV18C
Reel of 2000
TRS3318CDBR
0
°C to 70°C
Tube of 70
TRS3318CPW
TSSOP – PW
RV18C
Reel of 2000
TRS3318CPWR
Tube of 70
TRS3318IDB
SSOP – DB
RV18I
Reel of 2000
TRS3318IDBR
–40
°C to 85°C
Tube of 70
TRS3318IPW
TSSOP – PW
RV18I
Reel of 2000
TRS3318IPWR
(1)
Package drawings,thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
FUNCTION TABLE(1)
INPUT CONDITIONS
OUTPUT STATES
VALID
RECEIVER
OPERATING
RS-232
OR DRIVER
MODE
FORCEON
FORCEOFF
LEVEL
DRIVER
RECEIVER
INVALID
READY
EDGE
PRESENT AT
WITHIN 30 s
RECEIVER
Auto-Powerdown Plus Conditions
Normal operation,
H
H
No
No
Active
Active
L
H
auto-powerdown
plus disabled
Normal operation,
H
H
No
Yes
Active
Active
H
H
auto-powerdown
plus disabled
Normal operation,
L
H
Yes
No
Active
Active
L
H
auto-powerdown
plus enabled
Normal operation,
L
H
Yes
Yes
Active
Active
H
H
auto-powerdown
plus enabled
Power down,
L
H
No
No
Z
Active
L
L
auto-powerdown
plus enabled
Power down,
L
H
No
Yes
Z
Active
H
L
auto-powerdown
plus enabled
Manual power
X
L
X
No
Z
Active
L
L
down
Manual power
X
L
X
Yes
Z
Active
H
L
down
Auto-Powerdown Conditions
Power down,
INVALID
INVALID
X
No
Z
Active
L
L
auto-powerdown
enabled
Normal operation,
INVALID
INVALID
X
Yes
Active
Active
H
H
auto-powerdown
enabled
(1)
H = high level, L = low level, X = irrelevant, Z = high impedance
2
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TRS3318


Similar Part No. - TRS3318CPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3318CPWG4 TI-TRS3318CPWG4 Datasheet
342Kb / 17P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
More results

Similar Description - TRS3318CPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3318 TI-TRS3318 Datasheet
342Kb / 17P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
MAX3318E TI-MAX3318E Datasheet
166Kb / 18P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
TRS3318E TI-TRS3318E_10 Datasheet
319Kb / 19P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
TRS3318E TI-TRS3318E Datasheet
313Kb / 19P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
MAX3318 TI-MAX3318 Datasheet
178Kb / 18P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
MAX3318E TI-MAX3318E_1 Datasheet
356Kb / 20P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
logo
STMicroelectronics
ST3241EB STMICROELECTRONICS-ST3241EB_07 Datasheet
654Kb / 15P
   짹15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto-power-down
ST3241EB STMICROELECTRONICS-ST3241EB_10 Datasheet
274Kb / 13P
   짹15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto-power-down
logo
Texas Instruments
TRS213 TI-TRS213 Datasheet
415Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS208 TI-TRS208 Datasheet
456Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com