Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HFM101 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part No. HFM101
Description  SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RECTRON [Rectron Semiconductor]
Homepage  http://www.rectron.com
Logo 

HFM101 Datasheet(HTML) 2 Page - Rectron Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RECTRON
RATING AND CHARACTERISTIC CURVES ( HFM101 THRU HFM108 )
FIG. 1 - TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
50
NONINDUCTIVE
10
NONINDUCTIVE
D.U.T
25 Vdc
(approx)
( - )
( - )
( + )
( + )
1
NON-
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
NOTES:1 Rise Time = 7ns max. Input Impedance =
1 megohm. 22pF.
2. Rise Time = 10ns max. Souce Impedance =
50 ohms.
trr
+0.5A
0
-0.25A
-1.0A
1cm
SET TIME BASE FOR
10/20 ns/cm
FIG. 2 - TYPICAL FORWARD
CURRENT DERATING CURVE
AMBIENT TEMPERATURE (
)
2.0
1.0
0 25 50 75 100 125 150 175
0
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
FIG. 4 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
10
1.0
.1
.01
.001
0
.2
.4
.6
.8
1.0
1.2 1.4 1.6 1.8
Pulse Width = 300uS
1% Duty Cycle
TJ = 25
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
TJ = 25
TJ = 100
TJ = 150
100
10
1.0
.1
.01
40
0
20
60
80
100
120
140
FIG. 6 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, ( V )
200
100
60
40
20
10
6
4
2
1
.1
.2
.4
1.0 2
4
10
20 40
100
HFM101~HFM105
HFM106~HFM108
TJ = 25
FIG. 5 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
70
60
50
40
30
20
10
0
1
2
5
10
20
50
100
8.3ms Single Half Sine-Wave
(JEDEC Method)


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn