Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER504 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # HER504
Description  HIGH EFFICIENCY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 5.0 Ampere)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

HER504 Datasheet(HTML) 1 Page - Rectron Semiconductor

  HER504 Datasheet HTML 1Page - Rectron Semiconductor HER504 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HIGH EFFICIENCY RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 5.0 Ampere
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Low power loss, high efficiency
* Low leakage
* Low forward voltage drop
* High current capability
* High speed switching
* High reliability
* High current surge
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 1.20 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
HER501
THRU
HER508
DO-201AD
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
NOTES : 1. Test Conditions: IF = 0.5A, IR = -1.0A, IRR = -0.25A
2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts
Dimensions in inches and (millimeters)
2001-5
Operating and Storage Temperature Range
TJ, TSTG
-65 to + 150
0 C
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA= 50
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IO
IFSM
CJ
VRMS
Amps
5.0
200
70
Amps
pF
HER501 HER502 HER503 HER504 HER505
HER506
HER508 UNITS
200
HER507
50
35
50
100
70
100
140
200
300
210
300
400
280
400
600
420
600
1000
700
1000
800
560
800
Volts
Volts
Volts
50
HER505P
400
280
400
150
50
Maximum Reverse Recovery Time (Note 1)
trr
75
nSec
at Rated DC Blocking Voltage TA = 25
oC
CHARACTERISTICS
Maximum Full Load Reverse Current
Average, Full Cycle .375” (9.5mm) lead length at TL = 55
oC
VF
SYMBOL
IR
10
150
uAmps
uAmps
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 5.0A DC
Volts
1.0
1.7
HER501 HER502 HER503 HER504 HER505
HER506
HER508 UNITS
HER507
HER505P
1.3
1.0
.220 (5.6)
.197 (5.0)
DIA.
.052 (1.3)
.048 (1.2)
DIA.
1.0 (25.4)
MIN.
.335 (8.5)
.375 (9.5)
1.0 (25.4)
MIN.


Similar Part No. - HER504

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
HER504 MOSPEC-HER504 Datasheet
125Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(5.0A,50-400V)
logo
Goodwork Semiconductor ...
HER504 GWSEMI-HER504 Datasheet
69Kb / 2P
   5.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
UNIOHM CORPORATION
HER504 UNIOHM-HER504 Datasheet
68Kb / 2P
   5.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
HER504 DGNJDZ-HER504 Datasheet
253Kb / 2P
   5.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
EIC discrete Semiconduc...
HER504 EIC-HER504 Datasheet
55Kb / 2P
   HIGH EFFICIENT
More results

Similar Description - HER504

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
HER501G RECTRON-HER501G Datasheet
140Kb / 6P
   HIGH EFFICIENCY RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 5.0 Amperes
logo
New Jersey Semi-Conduct...
HER101 NJSEMI-HER101 Datasheet
347Kb / 1P
   HIGH EFFICIENCY RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
logo
Rectron Semiconductor
HER201 RECTRON-HER201 Datasheet
43Kb / 2P
   HIGH EFFICIENCY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere)
HER101 RECTRON-HER101 Datasheet
29Kb / 2P
   HIGH EFFICIENCY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
HER301 RECTRON-HER301 Datasheet
288Kb / 2P
   HIGH EFFICIENCY RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Ampere)
HER301G RECTRON-HER301G Datasheet
34Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Ampere
SH1 RECTRON-SH1_V01 Datasheet
849Kb / 7P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
2020-04 REV:B
logo
Raltron Electronics Cor...
HER301G RALTRON-HER301G Datasheet
34Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Ampere
logo
Rectron Semiconductor
SH1L RECTRON-SH1L_V01 Datasheet
102Kb / 7P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
2022-04 REV:C
HFM101W RECTRON-HFM101W Datasheet
32Kb / 3P
   SURFACE MOUNT HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com