Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRS3318 Datasheet(PDF) 4 Page - Texas Instruments

Part # TRS3318
Description  2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS3318 Datasheet(HTML) 4 Page - Texas Instruments

  TRS3318 Datasheet HTML 1Page - Texas Instruments TRS3318 Datasheet HTML 2Page - Texas Instruments TRS3318 Datasheet HTML 3Page - Texas Instruments TRS3318 Datasheet HTML 4Page - Texas Instruments TRS3318 Datasheet HTML 5Page - Texas Instruments TRS3318 Datasheet HTML 6Page - Texas Instruments TRS3318 Datasheet HTML 7Page - Texas Instruments TRS3318 Datasheet HTML 8Page - Texas Instruments TRS3318 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
Electrical Characteristics
ESD Protection
TRS3318
2.5-V 460-kbps RS-232 TRANSCEIVER
WITH ±15-kV ESD PROTECTION
SLLS820 – AUGUST 2007
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.3
6
V
V+
Positive supply voltage range(2)
–0.3
7
V
V–
Negative supply voltage range(2)
–7
0.3
V
V+ + IV–I
Supply voltage differential(2)
13
V
DIN, FORCEON, FORCEOFF to GND
–0.3
6
VI
Input voltage
V
RIN to GND
±25
DOUT to GND
±13.2
VO
Output voltage
V
ROUT, INVALID, READY to GND
–0.3
VCC + 0.3
Short-circuit duration
DOUT to GND
Continuous
16-pin SSOP (derate 7.14 mW/
°C above 70°C)
571
Continuous power dissipation
20-pin SSOP (derate 8 mW/
°C above 70°C
640
mW
(TA = 70°C)
20-pin TSSOP (derate 7 mW/
°C above 70°C)
559
Tstg
Storage temperature range
–65
150
°C
Lead temperature (soldering, 10 s)
300
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
V+ and V– can have maximum magnitudes of 7 V, but their absolute difference cannot exceed 13 V.
See Figure 4
MIN NOM
MAX UNIT
Supply voltage
2.25
2.5
3
V
DIN, FORCEOFF,
VIH
Driver and control high-level input voltage
VCC = 2.5 V to 3 V
0.7
× V
CC
5.5
V
FORCEON
DIN, FORCEOFF,
VIL
Driver and control low-level input voltage
VCC = 2.5 V to 3 V
0
0.3
× V
CC
V
FORCEON
VI
Receiver input voltage
–25
25
V
TRS3318C
0
70
TA
Operating free-air temperature
°C
TRS3318I
–40
85
VCC = 2.25 V to 3 V, C1–C4 = 0.1 μF, TA = TMIN to TMAX (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1) MAX
UNIT
DC Characteristics (VCC = 2.5 V, TA = 25°C)
Auto-powerdown plus supply current
FORCEON = GND, FORCEOFF = VCC, All RIN and DIN idle
1
10
μA
Auto-powerdown supply current
FORCEOFF = GND
1
10
μA
Supply current
FORCEON = FORCEOFF = VCC, No load
0.3
2
mA
(1)
Typical values are at VCC = 2.5 V, TA = 25°C.
PARAMETER
TEST CONDITIONS
TYP
UNIT
Human-Body Model (HBM)
±15
RIN, DOUT
IEC 61000-4-2 Air-Gap Discharge method
±8
kV
IEC 61000-4-2 Contact Discharge method
±8
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TRS3318


Similar Part No. - TRS3318

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3318 TI-TRS3318 Datasheet
342Kb / 17P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
TRS3318CDB TI-TRS3318CDB Datasheet
342Kb / 17P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
TRS3318CDBG4 TI-TRS3318CDBG4 Datasheet
342Kb / 17P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
TRS3318CDBR TI-TRS3318CDBR Datasheet
342Kb / 17P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
TRS3318CDBRG4 TI-TRS3318CDBRG4 Datasheet
342Kb / 17P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
More results

Similar Description - TRS3318

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3318 TI-TRS3318 Datasheet
342Kb / 17P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
MAX3318E TI-MAX3318E Datasheet
166Kb / 18P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
TRS3318E TI-TRS3318E_10 Datasheet
319Kb / 19P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
TRS3318E TI-TRS3318E Datasheet
313Kb / 19P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
MAX3318 TI-MAX3318 Datasheet
178Kb / 18P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
MAX3318E TI-MAX3318E_1 Datasheet
356Kb / 20P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
logo
STMicroelectronics
ST3241EB STMICROELECTRONICS-ST3241EB_07 Datasheet
654Kb / 15P
   짹15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto-power-down
ST3241EB STMICROELECTRONICS-ST3241EB_10 Datasheet
274Kb / 13P
   짹15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto-power-down
logo
Texas Instruments
TRS213 TI-TRS213 Datasheet
415Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS208 TI-TRS208 Datasheet
456Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com