Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC574APWRE4 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74LVC574APWRE4
Description  OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC574APWRE4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LVC574APWRE4 Datasheet HTML 4Page - Texas Instruments SN74LVC574APWRE4 Datasheet HTML 5Page - Texas Instruments SN74LVC574APWRE4 Datasheet HTML 6Page - Texas Instruments SN74LVC574APWRE4 Datasheet HTML 7Page - Texas Instruments SN74LVC574APWRE4 Datasheet HTML 8Page - Texas Instruments SN74LVC574APWRE4 Datasheet HTML 9Page - Texas Instruments SN74LVC574APWRE4 Datasheet HTML 10Page - Texas Instruments SN74LVC574APWRE4 Datasheet HTML 11Page - Texas Instruments SN74LVC574APWRE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
SN54LVC574A, SN74LVC574A
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
WITH 3-STATE OUTPUTS
SCAS301R − JANUARY 1993 − REVISED MARCH 2005
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 1)
FROM
TO
SN74LVC574A
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA = 25°C
−40 TO 85
°C
−40 TO 125
°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
1.8 V
± 0.15 V
55
55
40
f
2.5 V
± 02 V
95
95
80
MHz
fmax
2.7 V
150
150
150
MHz
3.3 V
± 0.3 V
150
150
150
1.8 V
± 0.15 V
1.0
7.1
21.5
1
21.6
1.0
21.6
t
CLK
Q
2.5 V
± 0.2 V
1.0
4.9
10.0
1
10.5
1.0
10.5
ns
tpd
CLK
Q
2.7 V
1.0
5.0
7.8
1
8
1.0
8.0
ns
3.3 V
± 0.3 V
2.2
4.6
6.8
2.2
7
2.2
7.0
1.8 V
± 0.15 V
1.0
6.6
19.0
1
19.5
1.0
19.5
t
OE
Q
2.5 V
± 0.2 V
1.0
4.8
10.0
1
10.5
1.0
10.5
ns
ten
OE
Q
2.7 V
1.0
5.5
8.3
1
8.5
1.0
8.5
ns
3.3 V
± 0.3 V
1.5
4.4
7.3
1.5
7.5
1.5
7.5
1.8 V
± 0.15 V
1.0
5.4
18.3
1
18.8
1.0
18.8
t
OE
Q
2.5 V
± 0.2 V
1.0
3.0
7.3
1
7.8
1.0
7.8
ns
tdis
OE
Q
2.7 V
1.0
4.0
6.8
1
7
1.0
7.3
ns
3.3 V
± 0.3 V
1.7
3.9
6.2
1.7
6.4
1.7
6.6
tsk(o)
3.3 V
± 0.3 V
1
1
ns
operating characteristics, TA = 25°C
PARAMETER
TEST
CONDITIONS
VCC
TYP
UNIT
1.8 V
25
Outputs enabled
2.5 V
29
C d
Power dissipation capacitance per flip flop
p
f=10MHz
3.3 V
30
pF
Cpd
Power dissipation capacitance per flip−flop
f = 10 MHz
1.8 V
9
pF
Outputs disabled
2.5 V
9
p
3.3 V
11


Similar Part No. - SN74LVC574APWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC574APWRE4 TI-SN74LVC574APWRE4 Datasheet
914Kb / 25P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVC574APWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC374 TI-SN54AHC374 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT564 TI-SN54ACT564 Datasheet
110Kb / 6P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A Datasheet
125Kb / 9P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS534A TI-SN54ALS534A Datasheet
114Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVC574A TI-SN54LVC574A Datasheet
914Kb / 25P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_08 Datasheet
718Kb / 18P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC574 TI-SN54AHC574 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_02 Datasheet
276Kb / 14P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54HC574 TI-SN54HC574_07 Datasheet
674Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A_08 Datasheet
722Kb / 20P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SNJ54AS574B TI1-SNJ54AS574B Datasheet
1Mb / 25P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com