Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL16C2550IRHB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C2550IRHB
Description  1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16C2550IRHB Datasheet(HTML) 9 Page - Texas Instruments

Back Button TL16C2550IRHB Datasheet HTML 5Page - Texas Instruments TL16C2550IRHB Datasheet HTML 6Page - Texas Instruments TL16C2550IRHB Datasheet HTML 7Page - Texas Instruments TL16C2550IRHB Datasheet HTML 8Page - Texas Instruments TL16C2550IRHB Datasheet HTML 9Page - Texas Instruments TL16C2550IRHB Datasheet HTML 10Page - Texas Instruments TL16C2550IRHB Datasheet HTML 11Page - Texas Instruments TL16C2550IRHB Datasheet HTML 12Page - Texas Instruments TL16C2550IRHB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
TL16C2550
SLWS161D – JUNE 2005 – REVISED OCTOBER 2006
over operating free-air temperature range (unless otherwise noted)
UNIT
Supply voltage range, VCC (see (2))
-0.5 V to 7 V
Input voltage range at any input, VI
-0.5 V to 7 V
Output voltage range, VO
-0.5 V to 7 V
Operating free-air temperature, TA, TL16C2550
0°C to 70°C
Operating free-air temperature, TA, TL16C2550I
-40°C to 85°C
Storage temperature range, Tstg
-65°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to VSS.
over operating free-air temperature range (unless otherwise noted)
1.8 V ±10%
MIN
NOM
MAX
UNIT
VCC
Supply voltage
1.62
1.8
1.98
V
VI
Input voltage
0
VCC
V
VIH
High-level input voltage
1.4
1.98
V
VIL
Low-level input voltage
-0.3
0.4
V
VO
Output voltage
0
VCC
V
IOH
High-level output current (all outputs)
0.5
mA
IOL
Low-level output current (all outputs)
1
mA
Oscillator/clock speed
10
MHz
2.5 V ±10%
MIN
NOM
MAX
UNIT
VCC
Supply voltage
2.25
2.5
2.75
V
VI
Input voltage
0
VCC
V
VIH
High-level input voltage
1.8
2.75
V
VIL
Low-level input voltage
-0.3
0.6
V
VO
Output voltage
0
VCC
V
IOH
High-level output current (all outputs)
1
mA
IOL
Low-level output current (all outputs)
2
mA
Oscillator/clock speed
16
MHz
3.3 V ±10%
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
VI
Input voltage
0
VCC
V
VIH
High-level input voltage
0.7VCC
V
VIL
Low-level input voltage
0.3VCC
V
VO
Output voltage
0
VCC
V
IOH
High-level output current (all outputs)
1.8
mA
IOL
Low-level output current (all outputs)
3.2
mA
Oscillator/clock speed
20
MHz
5 V ±10%
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VI
Input voltage
0
VCC
V
9
Submit Documentation Feedback


Similar Part No. - TL16C2550IRHB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C2550IPFB TI-TL16C2550IPFB Datasheet
417Kb / 34P
[Old version datasheet]   2.5-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550IPFBR TI-TL16C2550IPFBR Datasheet
417Kb / 34P
[Old version datasheet]   2.5-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550IPFBRQ1 TI1-TL16C2550IPFBRQ1 Datasheet
997Kb / 38P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
More results

Similar Description - TL16C2550IRHB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C2552 TI-TL16C2552 Datasheet
445Kb / 34P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550-Q1 TI1-TL16C2550-Q1 Datasheet
997Kb / 38P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2552 TI1-TL16C2552_16 Datasheet
408Kb / 34P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2752 TI-TL16C2752 Datasheet
340Kb / 25P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 64-BYTE FIFOS
TL16C2752 TI1-TL16C2752_16 Datasheet
393Kb / 26P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 64-BYTE FIFOS
TL16C2550 TI-TL16C2550 Datasheet
417Kb / 34P
[Old version datasheet]   2.5-V to 5-V DUAL UART WITH 16-BYTE FIFOS
logo
NXP Semiconductors
SC16C550B PHILIPS-SC16C550B Datasheet
229Kb / 47P
   5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 02-14 December 2004
SC16C550B NXP-SC16C550B Datasheet
239Kb / 48P
   5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 05-1 October 2008
SC16C2550B PHILIPS-SC16C2550B_07 Datasheet
211Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 04-15 February 2007
SC16C2552B NXP-SC16C2552B Datasheet
188Kb / 38P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 03-12 February 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com