Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL16C2550IPFB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C2550IPFB
Description  1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16C2550IPFB Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL16C2550IPFB Datasheet HTML 3Page - Texas Instruments TL16C2550IPFB Datasheet HTML 4Page - Texas Instruments TL16C2550IPFB Datasheet HTML 5Page - Texas Instruments TL16C2550IPFB Datasheet HTML 6Page - Texas Instruments TL16C2550IPFB Datasheet HTML 7Page - Texas Instruments TL16C2550IPFB Datasheet HTML 8Page - Texas Instruments TL16C2550IPFB Datasheet HTML 9Page - Texas Instruments TL16C2550IPFB Datasheet HTML 10Page - Texas Instruments TL16C2550IPFB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
www.ti.com
Start
Byte N
Start
Byte N+1
Start
Byte
Stop
Stop
Stop
SIN
RTS
RD
(RD RBR)
1
2
N
N+1
Byte 14
Byte 15
SIN
RTS
RD
(RD RBR)
Start
Byte 18
Stop
Start
Byte 16
Stop
RTS Released After the
First Data Bit of Byte 16
TL16C2550
SLWS161D – JUNE 2005 – REVISED OCTOBER 2006
Figure 3. RTS Functional Timing Waveforms, RCV FIFO Trigger Level = 1, 4, or 8 Bytes
Figure 4. RTS Functional Timing Waveforms, RCV FIFO Trigger Level = 14 Bytes
7
Submit Documentation Feedback


Similar Part No. - TL16C2550IPFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C2550IPFB TI-TL16C2550IPFB Datasheet
417Kb / 34P
[Old version datasheet]   2.5-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550IPFBR TI-TL16C2550IPFBR Datasheet
417Kb / 34P
[Old version datasheet]   2.5-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550IPFBRQ1 TI1-TL16C2550IPFBRQ1 Datasheet
997Kb / 38P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
More results

Similar Description - TL16C2550IPFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C2552 TI-TL16C2552 Datasheet
445Kb / 34P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550-Q1 TI1-TL16C2550-Q1 Datasheet
997Kb / 38P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2552 TI1-TL16C2552_16 Datasheet
408Kb / 34P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2752 TI-TL16C2752 Datasheet
340Kb / 25P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 64-BYTE FIFOS
TL16C2752 TI1-TL16C2752_16 Datasheet
393Kb / 26P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 64-BYTE FIFOS
TL16C2550 TI-TL16C2550 Datasheet
417Kb / 34P
[Old version datasheet]   2.5-V to 5-V DUAL UART WITH 16-BYTE FIFOS
logo
NXP Semiconductors
SC16C550B PHILIPS-SC16C550B Datasheet
229Kb / 47P
   5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 02-14 December 2004
SC16C550B NXP-SC16C550B Datasheet
239Kb / 48P
   5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 05-1 October 2008
SC16C2550B PHILIPS-SC16C2550B_07 Datasheet
211Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 04-15 February 2007
SC16C2552B NXP-SC16C2552B Datasheet
188Kb / 38P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 03-12 February 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com