Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA555PE4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SA555PE4
Description  PRCISION TIMERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SA555PE4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SA555PE4 Datasheet HTML 7Page - Texas Instruments SA555PE4 Datasheet HTML 8Page - Texas Instruments SA555PE4 Datasheet HTML 9Page - Texas Instruments SA555PE4 Datasheet HTML 10Page - Texas Instruments SA555PE4 Datasheet HTML 11Page - Texas Instruments SA555PE4 Datasheet HTML 12Page - Texas Instruments SA555PE4 Datasheet HTML 13Page - Texas Instruments SA555PE4 Datasheet HTML 14Page - Texas Instruments SA555PE4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
t
H +
0.693 (R
A )
R
B)
C
t
L +
0.693 (R
B)
C
Other useful relationships are shown below.
period + tH ) tL + 0.693 (RA ) 2RB) C
frequency [
1.44
(R
A )
2R
B
) C
Output driver duty cycle +
t
L
t
H )
t
L
+
R
B
R
A )
2R
B
Output waveform duty cycle
+
t
L
t
H
+
R
B
R
A )
R
B
Low-to-high ratio
+
t
H
t
H )
t
L
+ 1–
R
B
R
A )
2R
B
C − Capacitance −
µF
100 k
10 k
1 k
100
10
1
100
10
1
0.1
0.01
0.1
0.001
RA + 2 RB = 10 MΩ
RA + 2 RB = 1 MΩ
RA + 2 RB = 100 kΩ
RA + 2 RB = 10 kΩ
RA + 2 RB = 1 kΩ
Time − 0.1 ms/div
VCC = 5 V
RA = 1 kΩ
C = 0.1
µF
See Figure 15
Capacitor Voltage
Output Voltage
Input Voltage
VCC (5 V to 15 V)
DISCH
OUT
VCC
RESET
RL
RA
A5T3644
C
THRES
GND
CONT
TRIG
Input
0.01
µF
Output
4
8
3
7
6
2
5
1
Pin numbers shown are shown for the D, JG, P, PS, and PW packages.
NA555, NE555, SA555, SE555
www.ti.com
SLFS022H – SEPTEMBER 1973 – REVISED JUNE 2010
Figure 12 shows typical waveforms generated during astable operation. The output high-level duration tH and
low-level duration tL can be calculated as follows:
Figure .
Figure 14. Free-Running Frequency
Missing-Pulse Detector
The circuit shown in Figure 15 can be used to detect a missing pulse or abnormally long spacing between
consecutive pulses in a train of pulses. The timing interval of the monostable circuit is retriggered continuously by
the input pulse train as long as the pulse spacing is less than the timing interval. A longer pulse spacing, missing
pulse, or terminated pulse train permits the timing interval to be completed, thereby generating an output pulse
as shown in Figure 16.
Figure 15. Circuit for Missing-Pulse Detector
Figure 16. Completed Timing Waveforms for
Missing-Pulse Detector
Copyright © 1973–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): NA555 NE555 SA555 SE555


Similar Part No. - SA555PE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SA555PE4 TI-SA555PE4 Datasheet
405Kb / 24P
[Old version datasheet]   PRECISION TIMERS
SA555PE4 TI-SA555PE4 Datasheet
559Kb / 27P
[Old version datasheet]   PRECISION TIMERS
SA555PE4 TI1-SA555PE4 Datasheet
1Mb / 30P
[Old version datasheet]   Precision timing circuits capable of producing accurate time delays or oscillation
SA555PE4 TI1-SA555PE4 Datasheet
1Mb / 36P
[Old version datasheet]   Precision Timers
SA555PE4 TI1-SA555PE4 Datasheet
1Mb / 36P
[Old version datasheet]   xx555 Precision Timers
More results

Similar Description - SA555PE4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1455 ONSEMI-MC1455_06 Datasheet
171Kb / 11P
   Timers
February, 2006 ??Rev. 9
MC1455 ONSEMI-MC1455 Datasheet
147Kb / 10P
   Timers
March, 2004 ??Rev. 8
MC1455 ONSEMI-MC1455 Datasheet
204Kb / 10P
   Timers
March, 2004 ??Rev. 8
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
Texas Instruments
TLC551 TI-TLC551 Datasheet
277Kb / 16P
[Old version datasheet]   LinCMOSE TIMERS
logo
Carlo Gavazzi Holding A...
DMB01 CARLOGAVAZZI-DMB01 Datasheet
138Kb / 4P
   Timers Multifunction
logo
National Semiconductor ...
LM122 NSC-LM122 Datasheet
281Kb / 14P
   Precision Timers
logo
Diodes Incorporated
NE555S-13 DIODES-NE555S-13 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
Texas Instruments
TLC551 TI1-TLC551_06 Datasheet
297Kb / 17P
[Old version datasheet]   LinCMOSE TIMERS
logo
List of Unclassifed Man...
EBSSM2310M ETC2-EBSSM2310M Datasheet
63Kb / 2P
   Timers Interval
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com