Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNLVDS9638DGNG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # SNLVDS9638DGNG4
Description  HIGH-SPEED DIFFRENTIAL LINE DRIVERS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNLVDS9638DGNG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SNLVDS9638DGNG4 Datasheet HTML 5Page - Texas Instruments SNLVDS9638DGNG4 Datasheet HTML 6Page - Texas Instruments SNLVDS9638DGNG4 Datasheet HTML 7Page - Texas Instruments SNLVDS9638DGNG4 Datasheet HTML 8Page - Texas Instruments SNLVDS9638DGNG4 Datasheet HTML 9Page - Texas Instruments SNLVDS9638DGNG4 Datasheet HTML 10Page - Texas Instruments SNLVDS9638DGNG4 Datasheet HTML 11Page - Texas Instruments SNLVDS9638DGNG4 Datasheet HTML 12Page - Texas Instruments SNLVDS9638DGNG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
www.ti.com
Y
Z
Inputs
(see Note A)
CL = 10 pF
(2 Places)
(see Note B)
49.9
Ω ± 1% (2 Places)
G
G
1.2 V
tPZH
tPHZ
tPZL
tPLZ
2 V
1.4 V
0.8 V
100%,
≅1.4 V
1.4 V
2 V
0.8 V
50%
0%, 1.2 V
0%,
≅1 V
100%, 1.2 V
50%
G, 1,2EN,
OR 3,4EN
G
VOY
or
VOZ
VOZ
or
VOY
A at 2 V, G at VCC and Input to G
or
G at GND and Input to G for ’LVDS31 Only
A at 0.8 V, G at VCC and Input to G
or
G at GND and Input to G for ’LVDS31 Only
VOY
VOZ
0.8 V or 2 V
1,2EN or 3,4EN
NOTES: A. All input pulses are supplied by a generator having the following characteristics: tr or tf < 1 ns, pulse repetition rate (PRR) = 0.5 Mpps,
pulse width = 500
± 10 ns.
B. CL includes instrumentation and fixture capacitance within 6 mm of the D.U.T.
SN55LVDS31, SN65LVDS31
SN65LVDS3487, SN65LVDS9638
SLLS261L – JULY 1997 – REVISED JULY 2007
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 4. Enable-/Disable-Time Circuit and Definitions
9
Submit Documentation Feedback


Similar Part No. - SNLVDS9638DGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNLVDS9638DGNG4 TI-SNLVDS9638DGNG4 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SNLVDS9638DGNG4 TI-SNLVDS9638DGNG4 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SNLVDS9638DGNG4 TI-SNLVDS9638DGNG4 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SNLVDS9638DGNG4 TI-SNLVDS9638DGNG4 Datasheet
522Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
More results

Similar Description - SNLVDS9638DGNG4

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM360 NJRC-NJM360 Datasheet
186Kb / 5P
   HIGH SPEED DIFFRENTIAL COMPARATOR
logo
Texas Instruments
AM26LS31C TI-AM26LS31C_09 Datasheet
813Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFRENTIAL LINE DRIVER
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
Pericom Semiconductor C...
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
   High-Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387 Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI1-SN65LVDS387_16 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed Differential Line Drivers
SN55LVDS31 TI-SN55LVDS31_07 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31 TI-SN75LVDS31_01 Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com