Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV138APWRG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV138APWRG4
Description  3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV138APWRG4 Datasheet(HTML) 4 Page - Texas Instruments

  SN74LV138APWRG4 Datasheet HTML 1Page - Texas Instruments SN74LV138APWRG4 Datasheet HTML 2Page - Texas Instruments SN74LV138APWRG4 Datasheet HTML 3Page - Texas Instruments SN74LV138APWRG4 Datasheet HTML 4Page - Texas Instruments SN74LV138APWRG4 Datasheet HTML 5Page - Texas Instruments SN74LV138APWRG4 Datasheet HTML 6Page - Texas Instruments SN74LV138APWRG4 Datasheet HTML 7Page - Texas Instruments SN74LV138APWRG4 Datasheet HTML 8Page - Texas Instruments SN74LV138APWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
SN54LV138A, SN74LV138A
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SCLS395L – APRIL 1998 – REVISED AUGUST 2005
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
7
V
VI
Input voltage range(2)
–0.5
7
V
VO
Voltage range applied to any output in the high-impedance or power-off state(2)
–0.5
7
V
VO
Output voltage range(2)(3)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–20
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
VO = 0 to VCC
±25
mA
Continuous current through VCC or GND
±50
mA
D package(4)
73
DB package(4)
82
DGV package(4)
120
θ
JA
Package thermal impedance
°C/W
NS package(4)
64
PW package(4)
108
RGY package(5)
39
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
This value is limited to 5.5 V maximum.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7
(5)
The package thermal impedance is calculated in accordance with JESD 51-5.
4


Similar Part No. - SN74LV138APWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV138APWRG4 TI-SN74LV138APWRG4 Datasheet
378Kb / 16P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74LV138APWRG4 TI-SN74LV138APWRG4 Datasheet
649Kb / 18P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74LV138APWRG4 TI-SN74LV138APWRG4 Datasheet
1Mb / 33P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
REVISED AUGUST 2005
More results

Similar Description - SN74LV138APWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC11238 TI-54AC11238 Datasheet
114Kb / 9P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74AHC138 TI-SN74AHC138 Datasheet
683Kb / 2P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LS138 TI1-SN54LS138_15 Datasheet
1Mb / 22P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LVC138A TI1-SN54LVC138A_15 Datasheet
1Mb / 34P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74LS138 RENESAS-HD74LS138 Datasheet
100Kb / 8P
   3-Line-to-8-Line Decoders / Demultiplexers
logo
Texas Instruments
SN54ALS138A TI-SN54ALS138A_08 Datasheet
826Kb / 20P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LVC138A TI-SN54LVC138A_10 Datasheet
821Kb / 25P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74HC238 TI1-SN74HC238 Datasheet
145Kb / 5P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SNJ54HCT138J TI1-SNJ54HCT138J Datasheet
1Mb / 21P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
74AC11238D TI-74AC11238D Datasheet
111Kb / 9P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54HCT138 TI-SN54HCT138 Datasheet
95Kb / 6P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com