Electronic Components Datasheet Search |
|
SNJ55LVDS31FK Datasheet(PDF) 5 Page - Texas Instruments |
|
|
SNJ55LVDS31FK Datasheet(HTML) 5 Page - Texas Instruments |
5 / 33 page www.ti.com EQUIVALENT INPUT AND OUTPUT SCHEMATIC DIAGRAMS 7 V 300 k Ω 50 Ω VCC Input VCC 5 Ω 7 V Y or Z Output EQUIVALENT OF EACH A INPUT EQUIVALENT OF G, G, 1,2EN OR 3,4EN INPUTS TYPICAL OF ALL OUTPUTS 7 V 50 Ω VCC Input 10 k Ω ABSOLUTE MAXIMUM RATINGS (1) DISSIPATION RATING TABLE SN55LVDS31, SN65LVDS31 SN65LVDS3487, SN65LVDS9638 SLLS261L – JULY 1997 – REVISED JULY 2007 over operating free-air temperature range (unless otherwise noted) UNIT VCC Supply voltage range(2) –0.5 V to 4 V VI Input voltage range –0.5 V to VCC + 0.5 V Continuous total power dissipation See Dissipation Rating Table Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds 260 °C Tstg Storage temperature range –65 °C to 150°C (1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltages, except differential I/O bus voltages, are with respect to the network ground terminal. TA ≤ 25°C DERATING FACTOR(1) TA = 70°C TA = 85°C TA = 125°C PACKAGE POWER RATING ABOVE TA = 25°C POWER RATING POWER RATING POWER RATING D (8) 725 mW 5.8 mW/ °C 464 mW 377 mW — D (16) 950 mW 7.6 mW/ °C 608 mW 494 mW — DGK 425 mW 3.4 mW/ °C 272 mW 221 mW — DGN(2) 2.14 W 17.1 mW/ °C 1.37 W 1.11 W — FK 1375 mW 11.0 mW/ °C 880 mW 715 mW 275 mW J 1375 mW 11.0 mW/ °C 880 mW 715 mW 275 mW PW (16) 774 mW 6.2 mW/ °C 496 mW 402 mW — W 1000 mW 8.0 mW/ °C 640 mW 520 mW 200 mW (1) This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no air flow. (2) The PowerPAD™ must be soldered to a thermal land on the printed-circuit board. See the application note PowerPAD Thermally Enhanced Package (SLMA002). 5 Submit Documentation Feedback |
Similar Part No. - SNJ55LVDS31FK |
|
Similar Description - SNJ55LVDS31FK |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |