Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV324IDRG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMV324IDRG4
Description  LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV324IDRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMV324IDRG4 Datasheet HTML 3Page - Texas Instruments LMV324IDRG4 Datasheet HTML 4Page - Texas Instruments LMV324IDRG4 Datasheet HTML 5Page - Texas Instruments LMV324IDRG4 Datasheet HTML 6Page - Texas Instruments LMV324IDRG4 Datasheet HTML 7Page - Texas Instruments LMV324IDRG4 Datasheet HTML 8Page - Texas Instruments LMV324IDRG4 Datasheet HTML 9Page - Texas Instruments LMV324IDRG4 Datasheet HTML 10Page - Texas Instruments LMV324IDRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
www.ti.com
Shutdown Characteristics (LMV324S)
LMV321 SINGLE, LMV358 DUAL
LMV324 QUAD, LMV324S QUAD WITH SHUTDOWN
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
SLOS263T – AUGUST 1999 – REVISED SEPTEMBER 2007
VCC+ = 5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Supply current in shutdown mode
ICC(SHDN)
SHDN
≤ 0.6 V, TA = –40°C to 85°C
5
μA
(per channel)
t(on)
Amplifier turn-on time
AV = 1, RL = Open (measured at 50% point)
2
μs
t(off)
Amplifier turn-off time
AV = 1, RL = Open (measured at 50% point)
40
ns
(1)
Typical values represent the likely parametric nominal values determined at the time of characterization. Typical values depend on the
application and configuration and may vary over time. Typical values are not ensured on production material.
Copyright © 1999–2007, Texas Instruments Incorporated
Submit Documentation Feedback
7


Similar Part No. - LMV324IDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV324IDRG4 TI-LMV324IDRG4 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV324IDRG4 TI-LMV324IDRG4 Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV324IDRG4 TI-LMV324IDRG4 Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV324IDRG4 TI1-LMV324IDRG4 Datasheet
2Mb / 50P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV324IDRG4 TI1-LMV324IDRG4 Datasheet
2Mb / 48P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
More results

Similar Description - LMV324IDRG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321 Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358DR TI-LMV358DR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321A TI1-LMV321A_18 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358 TI1-LMV358_16 Datasheet
2Mb / 50P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV821 TI-LMV821_10 Datasheet
764Kb / 35P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_08 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV821-Q1 TI1-LMV821-Q1 Datasheet
821Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_07 Datasheet
928Kb / 32P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com